Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0EJ Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLS115D0EJ
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0EJ Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLS115D0EJ Datasheet HTML 1Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 2Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 3Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 4Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 5Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 6Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 7Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 8Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Data Sheet
2
Rev. 1.00
2016-10-13
TLS115D0
High Precision Voltage Tracker
Up to a supply voltage of 45 V and output currents up to 150 mA, the output voltage follows the reference
voltage that is applied to the ADJ input with very high accuracy. The required minimum reference voltage at
ADJ is 2.0 V.
Type
Package
Marking
TLS115D0EJ
PG-DSO-8 EP
115D0
TLS115D0LD
PG-TSON-10
115D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com