Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115D0EJ Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS115D0EJ
Description  High Precision Voltage Tracker
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115D0EJ Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS115D0EJ Datasheet HTML 17Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 18Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 19Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 20Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 21Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 22Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 23Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 24Page - Infineon Technologies AG TLS115D0EJ Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TLS115D0
High Precision Voltage Tracker
Application information
Data Sheet
21
Rev. 1.00
2016-10-13
5.2.2
Output pin
An output capacitor COUT is mandatory for the stability of the voltage tracking regulator. The requirements for
COUT are described in the table “Functional range” on Page 8. The graph “Output capacitor ESR(COUT) vs.
output current IOUT” on Page 14 shows the stable operation range of the TLS115D0.
For automotive environment, ceramic capacitors with X5R or X7R dielectrics are recommended.
Place COUT on the same side of the PCB as the regulator itself and as close as possible to both the tracker
output pin and GND pin.
In case of rapid transients of input voltage or load current, COUT must be dimensioned properly to ensure the
output stability in the application.
5.2.3
Adjust pin
Figure 4 shows a typical Adjust circuitry for a voltage tracking regulator. Typically the Adjust Pin is connected
to a fixed voltage reference that the regulator tracks. In the example of the application diagram ADJ is
connected to the supply voltage of a microcontroller. The voltage reference can also be adjusted by a voltage
divider.
5.2.4
Power Good pin
The Power Good output is an open collector output, which requires a pull-up resistor to a positive voltage rail.
The pull-up voltage must not exceed the maximum ratings of the Power Good PG shown in “Absolute
maximum ratings” on Page 7. In Figure 4 the supply voltage VDD of a microcontroller is used as pull-up
voltage for example.
To limit the external input current according to the requirement (see “Power Good output” on Page 19), the
resistor must be sized depending on the pull-up voltage.
5.3
Thermal considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power
dissipation can be calculated:
(5.1)
with
• PD: continuous power dissipation
• VIN: input voltage
• VOUT: output voltage
• IOUT: output current
• Iq: quiescent current
The maximum acceptable thermal resistance RthJA can then be calculated:
(5.2)
with
• Tj,max: maximum allowed junction temperature
• Ta: ambient temperature
PD
VIN VOUT
–
() I
OUT
×
VIN Iq
×
+
=
RthJA max
,
Tjmax
,
Ta
–
PD
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com