Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZEPIR0BAS02MODG Datasheet(PDF) 13 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 9Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 10Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 11Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 12Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 13Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 14Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 15Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 16Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
PS030504-0917
Signal Descriptions, Hardware Interface Mode
ZMOTION® Detection Module II
Product Specification
5
Delay
A high-impedance analog input, Pin 3 (RXD/DLY), sets the duration for the Motion
Detect (MD) pin to remain active when motion has been detected. Provide a voltage
between 0V and 2V to select a delay of 2 seconds to 15 minutes (see Table 2). Typically,
a simple resistor divider or trim pot is used to set the voltage.
Sensitivity
A high-impedance analog input, Pin 4 (TXD/SNS) sets the Module’s sensitivity to motion.
Provide a voltage between 0V and 1.8V to adjust the sensitivity to meet the application
requirements. A lower voltage means higher sensitivity. Typically, a simple resistor
divider or trim pot is used to set the voltage.
• 1.8V = lowest sensitivity
• 0V = highest sensitivity
This signal also determines the interface mode of the Module. At power ON, and when
exiting Sleep Mode, the signal is sampled; if it is greater than 2.5V (for example, pulled to
VDD via resistor), then the system enters Serial Interface Mode and the pin is converted to
TXD. If the signal is between 0V and 1.8V, Hardware Interface Mode is selected.
Table 2. Delay Time and Voltage on DLY
Delay Time
Voltage on DLY
2 sec
0V
5 sec
0.2V
10 sec
0.4V
30 sec
0.6V
1 min
0.8V
2 min
1.0V
3 min
1.2V
5 min
1.4V
10 min
1.6V
15 min
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com