Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZEPIR0BAS02MODG Datasheet(PDF) 35 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 31Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 32Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 33Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 34Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 35Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 36Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 37Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 38Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
PS030504-0917
Serial Commands
ZMOTION® Detection Module II
Product Specification
27
Hyper Sense Level Setting
This command defines the Hyper Sense sensitivity level when the mode is enabled via the
'E' command. The purpose of the Hyper Sense Mode is to increase the detectors sensitivity
to more subtle motion events. A value of 0 to 3 is used to set the level. Setting the level to
0 has the same effect as disabling Hyper Sense with the 'E' command (setting it to 'N').
Setting it to any other level can cause the occasional false detection, so this mode should
only be used when the occasional false detection is tolerable.
Read Hyper Sense Level Setting
Command
'g' (0x67)
Description
This command returns the current Hyper Sense level that will be used when the Hyper
Sense Mode is enabled via the 'E' command. 0 is the lowest setting and corresponds to off,
while 3 is the most sensitive setting.
Return Values
0-3 (decimal)
Normal Command Sequence
Host
ZMOTION
Module
“g”
[0-3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com