Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZEPIR0BAS02MODG Datasheet(PDF) 21 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 17Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 18Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 19Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 20Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 21Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 22Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 23Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 24Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
PS030504-0917
Serial Interface Mode
ZMOTION® Detection Module II
Product Specification
13
Write Command Structure
Write commands are used to update the configuration of ZDMII, and are sent from the
Host. The Module responds with the current value as an acknowledgment. The Host then
sends the new data and the Module responds with an ACK.
• All write commands are initiated by single upper-case letters.
• After a write command is received, the device returns the current value and expects an
appropriate single-byte data value.
• When the data value is received, the device returns an ACK. If no data is received after
the inactivity time-out period of 2.5 seconds, the device returns a NACK. See the ex-
ample in Figure 6.
Confirmed Command Structure
Certain commands require a specific sequence of characters to be sent to prevent acciden-
tal initiation. These commands require a 4-character confirmation sequence. After a com-
mand requiring confirmation is received, the device returns an ACK.
• If the sequence is correct, the device returns an ACK and executes the command.
• If the sequence is incorrect, or if there is an inactivity delay of more than 2.5 seconds
between any characters of the sequence, the device immediately sends a NACK and
does not execute the command. See the example in Figure 7.
Figure 6. Write Command Structure
Command
Current Value
New Value
ACK
Host
ZDM II Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com