Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MDQLQCEC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # IMX8MDQLQCEC
Description  i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MDQLQCEC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button IMX8MDQLQCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 23Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 24Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors Data Sheet for Consumer Products, Rev. 0.1, 05/2018
22
NXP Semiconductors
Electrical characteristics
3.1.7
USB PHY Suspend current consumption
3.1.7.1
Low power Suspend Mode
The VBUS Valid comparators and their associated bandgap circuits are enabled by default. Table 12
shows the USB interface current consumption in Suspend mode with default settings.
3.1.7.2
Power-Down modes
Table 13 shows the USB interface current consumption with only the OTG block powered down.
In Power-Down mode, everything is powered down, including the USB_VBUS valid comparators and
their associated bandgap circuity in typical condition. Table 14 shows the USB interface current
consumption in Power-Down mode.
3.1.8
PCIe PHY 2.1 DC electrical characteristics
Table 12. USB PHY current consumption in Suspend mode1
1 Low Power Suspend is enabled by setting USBx_PORTSC1 [PHCD]=1 [Clock Disable (PLPSCD)].
USB1_VDD33
USB2_VDD33
Current
154
μΑ
154
μΑ
Table 13. USB PHY current consumption in Sleep mode1
1 VBUS Valid comparators can be disabled through software by setting USBNC_OTG*_PHY_CFG2[OTGDISABLE0] to 1. This signal
powers down only the VBUS Valid comparator, and does not control power to the Session Valid Comparator, ADP Probe and Sense
comparators, or ID detection circuitry.
USB1_VDD33
USB2_VD33
Current
520
μΑ
520
μΑ
Table 14. USB PHY current consumption in Power-Down mode1
1 The VBUS Valid Comparators and their associated bandgap circuits can be disabled through software by setting
USBNC_OTG*_PHY_CFG2[OTGDISABLE0] to 1 and USBNC_OTG*_PHY_CFG2[DRVVBUS0] to 0, respectively.
USB1_VDD33
USB2_VDD33
Current
146
μΑ
146
μΑ
Table 15. PCIe recommended operating conditions
Parameter
Description
Min
Max
Unit
PCIE_VP
Low Power Supply Voltage for PHY Core
—
0.837
0.99
V
PCIE_VPTX
PHY transmit supply
—
0.837
0.99
PCIE_VPH
High Power Supply Voltage for PHY Core
1.8
1.674
1.98
3.3
3.069
3.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com