Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MDQLQCEC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IMX8MDQLQCEC
Description  i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MDQLQCEC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IMX8MDQLQCEC Datasheet HTML 3Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 4Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 5Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 6Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 7Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
i.MX 8M Dual / 8M QuadLite / 8M Quad introduction
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors Data Sheet for Consumer Products, Rev. 0.1, 05/2018
NXP Semiconductors
7
Figure 2. Part number nomenclature—i.MX 8M Dual / 8M QuadLite / 8M Quad processors
*Please contact the NXP sales and marketing team for order details on HDCP enable parts.
Temperature (Tj)
+
Commercial: 0 to + 95 °C
D
Industrial: -40 to +105 °C
C
Frequency
$$
1.5 GHz
JZ
1.3 GHz
HZ
Package Type
ROHS
17 x 17 mm, 0.65 mm pitch, FCBGA bare die
VA
Qualification Level
M
Samples
P
Mass Production
M
Special
S
i.MX 8 Family Part # Series
Description
i.MX 8MQ
Quad core
i.MX 8MD
Dual core
Silicon Rev
A
Rev 1.0
A
Fusing
%
-A
HDCP customer
programmable *
D
HDCP NXP programmed
C
M
IMX8MQ
@
+
VN
$$
%
A
Part Differentiator
@
VPU decode + Dolby Vision + HDR10 + GPU
7
VPU decode + HDR10 + GPU
6
GPU, No VPU
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com