Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MDQLQCEC Datasheet(PDF) 29 Page - NXP Semiconductors

Part # IMX8MDQLQCEC
Description  i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MDQLQCEC Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button IMX8MDQLQCEC Datasheet HTML 25Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 26Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 27Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 28Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 29Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 30Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MDQLQCEC Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
Electrical characteristics
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors Data Sheet for Consumer Products, Rev. 0.1, 05/2018
NXP Semiconductors
29
3.5.1
General purpose I/O (GPIO) DC parameters
Table 26 shows DC parameters for GPIO pads. The parameters in Table 26 are guaranteed per the
operating ranges in Table 7, unless otherwise noted.
3.5.2
DDR I/O DC electrical characteristics
The DDR I/O pads support LPDDR 4, DDR4, and DDR3L operational modes. The DDR Memory
Controller (DDRMC) is designed to be compatible with JEDEC-compliant SDRAMs.
Table 26. GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
VOH (1.8 V)
Min VDD,
IOH = –100
μA,
IOH = –2 mA
VDD - 0.2,
VDD - 0.45
——
V
VOH (3.3 V)
VDD - 0.2
2.4
——
V
Low-level output voltage
VOL (1.8 V)
Min VDD,
IOH = 100
μA,
IOH = 3 mA
—
—
0.2
0.2 x VDD
V
VOL (3.3 V)
—
—
0.2
0.4
V
High-level input voltage
VIH (1.8 V)
ipp_lvttl_en = 0
0.7 x VDD
—VDD
V
VIH (3.3 V)
ipp_lvttl_en = 1
2
—
VDD
V
VIH_1VCOMS
(3.3 V)
ipp_lvttl_en = 0
0.7 x VDD
—VDD
V
Low-level input voltage
VIL (1.8 V)
ipp_lvttl_en = 0
0
—
0.2 x VDD
V
VIL_emmc
(1.8 V)
ipp_lvttl_en = 0
0
—
0.35 x VDD
V
VIL (3.3 V)
ipp_lvttl_en = 1
0
—
0.8
V
VIL_emmc
(3.3 V)
ipp_lvttl_en = 0
0
—
0.25 x VDD
V
VIL_1vcmos
(3.3 V)
ipp_lvttl_en = 0
0
—
0.2 x VDD
V
Input hysteresis
VHYS (1.8 V)
ipp_hys = 1
—
0.15
—
V
VHYS (3.3 V)
ipp_hys = 1
—
0.2
—
V
Pull-up resistor
—
—
30 x 0.75
30
30 x 1.25
K
Ω
Pull-down resistor
—
—
95 x 0.75
95
95 x 1.25
K
Ω
High level input current1
1 The leakage limit for the following pins: HDMI_TX (several) is ±200 μA; HDMI_AUX_N/P is ±65 μA; PMIC_ON_REQ is ±60 μA;
PMIC_STBY_REQ is ±80
μA; RTC_RESET_B is ±60 μA; ONOFF is ±60 μA; POR_B is ±60 μA; and SD2_CD_B is ±60 μA.
IIH
—
-50
—
50
μA
Low level input current1
IIL
—
-50
—
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com