Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2612CMSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2612CMSTRT
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612CMSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC2612CMSTRT Datasheet HTML 1Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 2Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 3Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 4Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 5Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 6Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 7Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 8Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
Block Diagram
Pin Configuration
Ordering Information
Pin Descriptions
Note:
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
(2) Lead free products.
s
r
e
b
m
u
N
t
r
a
P
)
1
(
y
c
n
e
u
q
e
r
Fe
g
a
k
c
a
P
R
T
S
M
A
2
1
6
2
C
Sz
H
k
0
0
6
8
-
P
O
S
M
T
R
T
S
M
A
2
1
6
2
C
S
)
2
(
z
H
k
0
0
6
R
T
S
M
C
2
1
6
2
C
Sz
H
k
0
0
2
T
R
T
S
M
C
2
1
6
2
C
S
)
2
(
z
H
k
0
0
2
BST
VCC
DH
GND
DL
FB
SS/EN
1
2
3
4
TOP VIEW
(MSOP-8)
5
6
7
8
COMP
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1P
M
O
C.
r
e
if
il
p
m
a
r
o
r
r
e
e
g
a
tl
o
v
n
o
it
c
e
s
r
e
h
c
ti
w
S
e
h
t
f
o
t
u
p
t
u
O
2N
E
/
S
S
.
e
t
a
r
p
m
a
r
e
g
a
tl
o
v
t
u
p
t
u
o
r
e
h
c
ti
w
s
e
h
t
s
l
o
r
t
n
o
c
,
n
i
p
e
l
b
a
n
e
d
n
a
t
r
a
t
s
t
f
o
S
3B
F.
t
u
p
n
i
k
c
a
b
d
e
e
e
f
n
o
it
c
e
s
r
e
h
c
ti
w
S
4C
C
V.
e
g
a
tl
o
V
t
u
p
n
I
y
l
p
p
u
S
p
i
h
C
5D
N
G
.
s
e
n
il
e
d
i
u
g
t
u
o
y
a
l
e
e
s
,
e
n
a
l
p
d
n
u
o
r
g
o
t
y
lt
c
e
ri
d
t
c
e
n
n
o
c
,
d
n
u
o
r
G
r
e
w
o
P
d
n
a
g
o
l
a
n
A
6L
D.
t
u
p
t
u
o
e
v
i
r
d
T
E
F
e
d
i
s
w
o
L
r
e
h
c
ti
w
S
7H
D.
t
u
p
t
u
o
e
v
i
r
d
T
E
F
e
d
i
s
h
g
i
H
r
e
h
c
ti
w
S
8T
S
B.
s
e
v
i
r
d
T
E
F
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
S
DH
SS/EN
COMP
+
-
SYNCHRONOUS
MOSFET DRIVE
DL
R
S
Q
LEVEL SHIFT AND
HIGH SIDE DRIVE
+
-
UVLO
BST
OSCILLATOR
+
-
+
-
25uA
VREF
SSOVER
VCC
VREF
UVLO
&
REF
FB
SHDN
SHOOT-THRU
CONTROL
+
-
R
S
Q
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com