Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2612CMSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2612CMSTRT
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612CMSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC2612CMSTRT Datasheet HTML 1Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 2Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 3Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 4Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 5Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 6Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 7Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 8Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2612A/C
600kHz/200kHz
Step-Down DC/DC Converter
Features
Applications
August 18, 2004
Typical Application Circuit
Description
The SC2612 is a voltage mode switcher designed for low
cost, “point of use” voltage conversion. SC2612 is avail-
able with fixed switching frequencies of 600kHz
(SC2612A) and 200kHz (SC2612C).
The SC2612 has soft start and enable functions and is
short circuit protected. The output of the switcher may
be set anywhere between 0.8V and 75% of Vin. Short
circuit protection is disabled during start-up to allow the
output capacitors time to fully charge.
u Operating frequency of 600kHz or 200kHz
u Input supply of 3V to 8V
u 0.5A Drive current for up to 10A output
u Output voltages down to 0.8V
u Overcurrent protection and soft start
u MSOP-8 package
Q3
R6
L1
R2
U2
SC2612
4
7
8
3
6
2
1
5
VCC
DH
BST
FB
DL
SS/EN
COMP
GND
C2
R3
R1
R9
C7
C9
C3
R10
C1
1.5V OUT
Q2
12V IN
3.3V IN
C10
C5
u Graphics IC Power supplies
u Embedded, low cost, high efficiency converters


Similar Part No. - SC2612CMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2612E SEMTECH-SC2612E Datasheet
215Kb / 11P
500kHz Step-Down DC/DC Converter
SC2612ESTRT SEMTECH-SC2612ESTRT Datasheet
215Kb / 11P
500kHz Step-Down DC/DC Converter
More results

Similar Description - SC2612CMSTRT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Union Semiconductor, In...
UM3433 UNIONSEMI-UM3433 Datasheet
500Kb / 9P
600mA, 600kHz Step-Up DC-DC Converter
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Fitipower Integrated Te...
FR9701 FITIPOWER-FR9701 Datasheet
698Kb / 12P
23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR97063 FITIPOWER-FR97063 Datasheet
722Kb / 10P
23V, 1.2A, 600KHz Asynchronous Step-Down DC/DC Converter
FR97063A FITIPOWER-FR97063A Datasheet
831Kb / 12P
23V, 2A, 600KHz Asynchronous Step-Down DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com