Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2612CMSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2612CMSTRT
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612CMSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2612CMSTRT Datasheet HTML 4Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 5Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 6Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 7Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 8Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 9Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 10Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 11Page - Semtech Corporation SC2612CMSTRT Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
Typical Characteristics
VIN = 5V
12V
70%
75%
80%
85%
90%
95%
100%
024
68
10
Output Current (A)
VBST = 12V for VIN = 5V
VBST = 18V for VIN = 12V
Typical Efficiency
0%
20%
40%
60%
80%
100%
0.00.2
0.40.6
0.8
1.0
1.2
SS/EN Voltage (V)
SS/EN Control of duty cycle
1.490
1.492
1.494
1.496
1.498
1.500
4
567
89
10
11
12
VIN (V)
IO = 2.00A; VBST = 18V
Typical Line Regulation
5V
VIN = 12V
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
02468
10
IO (A)
VBST = 12V for VIN = 5V
VBST = 18V for VIN = 12V
Typical Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com