Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6100ALAF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZL6100ALAF
Description  Adaptive Digital DC/DC Controller with Drivers and Current Sharing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL6100ALAF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZL6100ALAF Datasheet HTML 6Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 7Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 8Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 9Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 11Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 12Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 13Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ZL6100
FN6876 Rev 3.00
Page 10 of 34
August 29, 2012
MOSFET. for more details, see “High-side Driver Boost Circuit”
on page 11.
In general, the size of components L1 and COUT as well as the
overall efficiency of the circuit are inversely proportional to the
switching frequency, fSW. Therefore, the highest efficiency
circuit may be realized by switching the MOSFETs at the
lowest possible frequency; however, this will result in the
largest component size. Conversely, the smallest possible
footprint may be realized by switching at the fastest possible
frequency but this gives a somewhat lower efficiency. Each
user should determine the optimal combination of size and
efficiency when determining the switching frequency for each
application.
The block diagram for the ZL6100 is illustrated in “Typical
Application Circuit” on page 8 In this circuit, the target output
voltage is regulated by connecting the differential VSEN pins
directly to the output regulation point. The VSEN signal is then
compared to a reference voltage that has been set to the
desired output voltage level by the user. The error signal
derived from this comparison is converted to a digital value
with a low-resolution, analog-to-digital (A/D) converter. The
digital signal is applied to an adjustable digital compensation
filter, and the compensated signal is used to derive the
appropriate PWM duty cycle for driving the external MOSFETs
in a way that produces the desired output.
The ZL6100 has several features to improve the power
conversion efficiency. A non-linear response (NLR) loop
improves the response time and reduces the output deviation
as a result of a load transient. The ZL6100 monitors the power
converter’s operating conditions and continuously adjusts the
turn-on and turn-off timing of the high-side and low-side
MOSFETs to optimize the overall efficiency of the power
supply. Adaptive performance optimization algorithms such as
dead-time control, diode emulation, and frequency control are
available to provide greater efficiency improvement.
Power Management Overview
The ZL6100 incorporates a wide range of configurable power
management features that are simple to implement with no
external components. Additionally, the ZL6100 includes circuit
protection features that continuously safeguard the device and
load from damage due to unexpected system faults. The
ZL6100 can continuously monitor input voltage, output
voltage/current, internal temperature, and the temperature of an
external thermal diode. A Power-Good output signal is also
included to enable power-on reset functionality for an external
processor.
All power management functions can be configured using
either pin configuration techniques (see Figure 6) or via the
I2C/SMBus interface. Monitoring parameters can also be pre-
configured to provide alerts for specific conditions. See
Application Note AN2033 for more details on SMBus
monitoring.
Multi-mode Pins
In order to simplify circuit design, the ZL6100 incorporates
patented multi-mode pins that allow the user to easily configure
many aspects of the device with no programming. Most power
management features can be configured using these pins. The
multi-mode pins can respond to four different connections as
shown in Table 1. These pins are sampled when power is
applied or by issuing a PMBus Restore command (see
Application Note AN2033).
PIN-STRAP SETTINGS
This is the simplest implementation method, as no external
components are required. Using this method, each pin can
take on one of three possible states: LOW, OPEN, or HIGH.
These pins can be connected to the V25 pin for logic HIGH
settings as this pin provides a regulated voltage higher than
2V. Using a single pin, one of three settings can be selected.
Using two pins, one of nine settings can be selected.
MULTI-MODE PIN CONFIGURATION
RESISTOR SETTINGS
This method allows a greater range of adjustability when
connecting a finite value resistor (in a specified range)
between the multi-mode pin and SGND. Standard 1% resistor
values are used, and only every fourth E96 resistor value is
used so the device can reliably recognize the value of
resistance connected to the pin while eliminating the error
associated with the resistor accuracy. Up to 31 unique
selections are available using a single resistor.
I2C/SMBUS METHOD
Almost any ZL6100 function can be configured via the
I2C/SMBus interface using standard PMBus commands.
Additionally, any value that has been configured using the
pin-strap or resistor setting methods can also be re-configured
and/or verified via the I2C/SMBus. See Application Note
AN2033 for more details.
TABLE 1. MULTI-MODE PIN CONFIGURATION
PIN TIED TO
VALUE
LOW (Logic LOW)
< 0.8VDC
OPEN (N/C)
No Connection
HIGH (Logic HIGH)
> 2.0VDC
Resistor to SGND
Set by resistor value
FIGURE 6. PIN-STRAP AND RESISTOR SETTING EXAMPLES
ZL6100
MULTI-MODE PIN
ZL6100
RSET
LOGIC
HIGH
LOGIC
LOW
OPEN
PIN-STRAP
SETTINGS
RESISTOR
SETTINGS
MULTI-MODE PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com