Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6100ALAF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZL6100ALAF
Description  Adaptive Digital DC/DC Controller with Drivers and Current Sharing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL6100ALAF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZL6100ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 11Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 12Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 13Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 14Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 15Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 17Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ZL6100
FN6876 Rev 3.00
Page 14 of 34
August 29, 2012
Soft-start Delay and Ramp Times
It may be necessary to set a delay from when an enable signal
is received until the output voltage starts to ramp to its target
value. In addition, the designer may wish to precisely set the
time required for VOUT to ramp to its target value after the
delay period has expired. These features may be used as part
of an overall inrush current management strategy or to
precisely control how fast a load IC is turned on. The ZL6100
gives the system designer several options for precisely and
independently controlling both the delay and ramp time
periods.
The soft-start delay period begins when the EN pin is asserted
and ends when the delay time expires. The soft-start delay
period is set using the DLY (0, 1) pins. Precise ramp delay
timing reduces the delay time variations but is only available
when the appropriate bit in the MISC_CONFIG register has
been set. Please refer to Application Note AN2033 for details.
The soft-start ramp timer enables a precisely controlled ramp
to the nominal VOUT value that begins once the delay period
has expired. The ramp-up is guaranteed monotonic and its
slope may be precisely set using the SS pin.
The soft start delay and ramp times can be set to standard
values according to Tables 7 and 8 respectively.
Note: When the device is set to 0ms or 1ms delay, it will begin its
ramp up after the internal circuitry has initialized (~2ms).
Note: When the device is set to 0ms ramp, it will attempt to
ramp as fast as the external load capacitance and loop settings
will allow. It is generally recommended to set the soft-start
ramp to a value greater than 500µs to prevent inadvertent fault
conditions due to excessive inrush current.
If the desired soft start delay and ramp times are not one of the
values listed in Tables 7 and 8, the times can be set to a
custom value by connecting a resistor from the DLY0 or SS pin
to SGND using the appropriate resistor value from
Table 9. The value of this resistor is measured upon start-up or
Restore and will not change if the resistor is varied after power
has been applied to the ZL6100. See Figure 12 for typical
connections using resistors.
TABLE 6. ZL6100 START-UP SEQUENCE
STEP
STEP NAME
DESCRIPTION
TIME DURATION
1
Power Applied
Input voltage is applied to the ZL6100’s VDD pin Depends on input supply ramp time
2
Internal Memory Check
The device will check for values stored in its
internal memory. This step is also performed after
a Restore command.
Approx 5ms to 10ms (device will ignore an
enable signal or PMBus traffic during this period)
3
Multi-mode Pin Check
The device loads values configured by the multi-
mode pins.
4
Device Ready
The device is ready to accept an enable signal.
-
5
Pre-ramp Delay
The device requires approximately 2ms following
an enable signal and prior to ramping its output.
Additional pre-ramp delay may be configured
using the Delay pins.
Approximately 2ms
TABLE 7. SOFT-START DELAY SETTINGS
DLY0
LOW
(ms)
OPEN
(ms)
HIGH
(ms)
LOW
01
2
DLY1
OPEN
510
20
HIGH
50
100
200
TABLE 8. SOFT-START RAMP SETTINGS
SS
RAMP TIME
(ms)
LOW
0
OPEN
5
HIGH
10
TABLE 9. DLY AND SS RESISTOR SETTINGS
DLY OR SS
(ms)
RDLY OR RSS
(k
)
DLY OR SS
(ms)
RDLY OR RSS
(k
)
0
10
110
28.7
10
11
120
31.6
20
12.1
130
34.8
30
13.3
140
38.3
40
14.7
150
42.2
50
16.2
160
46.4
60
17.8
170
51.1
70
19.6
180
56.2
80
21.5
190
61.9
90
23.7
200
68.1
100
26.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com