Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6100ALAF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL6100ALAF
Description  Adaptive Digital DC/DC Controller with Drivers and Current Sharing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL6100ALAF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL6100ALAF Datasheet HTML 9Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 11Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 12Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 13Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 14Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 15Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ZL6100
FN6876 Rev 3.00
Page 13 of 34
August 29, 2012
DOSA VOLTAGE TRIM MODE
On a DOSA module, the VOUT setting follows Equation 4:
To maintain DOSA compatibility, the same scheme is used as
with a POLA module except the 10k
 resistor is replaced with
a 8.66k resistor as shown in Figure 11.
The DOSA mode VOUT settings are listed in Table 5.
Start-up Procedure
The ZL6100 follows a specific internal start-up procedure after
power is applied to the VDD pin. Table 6 describes the start-up
sequence.
If the device is to be synchronized to an external clock source,
the clock frequency must be stable prior to asserting the EN pin.
The device requires approximately 5ms to 10ms to check for
specific values stored in its internal memory. If the user has
stored values in memory, those values will be loaded. The
device will then check the status of all multi-mode pins and load
the values associated with the pin settings.
Once this process is completed, the device is ready to accept
commands via the I2C/SMBus interface and the device is
ready to be enabled. Once enabled, the device requires
approximately 2ms before its output voltage may be allowed to
start its ramp-up process. If a soft-start delay period less than
2ms has been configured (using DLY pins or PMBus
commands), the device will default to a 2ms delay period. If a
delay period greater than 2ms is configured, the device will
wait for the configured delay period prior to starting to ramp its
output.
After the delay period has expired, the output will begin to ramp
towards its target voltage according to the pre-configured soft-
start ramp time that has been set using the SS pin. It should be
noted that if the EN pin is tied to VDD, the device will still
require approx 5ms to 10ms before the output can begin its
ramp-up as described in Table 6.
TABLE 4. POLA MODE VOUT SETTINGS (R0 = 110k, R1 = RSET +
10k)
VOUT
(V)
RSET
IN SERIES WITH
10k
RESISTOR
(k
)
VOUT
(V)
RSET
IN SERIES
WITH 10k
RESISTOR
(k
)
0.700
162
0.991
21.5
0.752
110
1.000
19.6
0.758
100
1.100
16.2
0.765
90.9
1.158
13.3
0.772
82.5
1.200
12.1
0.790
75.0
1.250
9.09
0.800
56.2
1.500
7.50
0.821
51.1
1.669
5.6
0.834
46.4
1.800
4.64
0.848
42.2
2.295
2.87
0.880
34.8
2.506
2.37
0.899
31.6
3.300
1.21
0.919
28.7
5.000
0.162
0.965
23.7
RSET
6900
VOUT 0.69V
–
----------------------------------
=
(EQ. 4)
FIGURE 11. RSET ON A DOSA MODULE
ZL6100
8.66 k
DOSA
MODULE
RSET
V1
V0
110 k
TABLE 5. DOSA MODE VOUT SETTINGS (R0 = 110k, R1 = RSET +
8.66k)
VOUT
(V)
RSET
IN SERIES
WITH 8.66k
RESISTOR
(k
)
VOUT
(V)
RSET
IN SERIES
WITH 8.66k
RESISTOR
(k
)
0.700
162
0.991
22.6
0.752
113
1.000
21.0
0.758
100
1.100
17.8
0.765
90.9
1.158
14.7
0.772
82.5
1.200
13.3
0.790
75.0
1.250
10.5
0.800
57.6
1.500
8.87
0.821
52.3
1.669
6.98
0.834
47.5
1.800
6.04
0.848
43.2
2.295
4.32
0.880
36.5
2.506
3.74
0.899
33.2
3.300
2.61
0.919
30.1
5.000
1.50
0.965
25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com