Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-OS Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-OS
Description  PLC INTERFACE With Solid-State Relay, Universal Version
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-OS Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-OS Datasheet HTML 1Page - PHOENIX CONTACT PLC-OS Datasheet HTML 2Page - PHOENIX CONTACT PLC-OS Datasheet HTML 3Page - PHOENIX CONTACT PLC-OS Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLC-OS…
103148_en_02
PHOENIX CONTACT
3
3
Technical Data
Input Data
PLCOS...48DC/100
PLCOS...24DC/2
Nominal input voltage
1
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
Permissible range (with reference to U
N)
0.8 ... 1.2 x U
N
0.8 ... 1.1 x U
N
0.8 ... 1.2 x U
N
0.8 ... 1.1 x U
N
Switching level
1 signal ("H")
0 signal ("L")
0.8 x U
N
0.4 x U
N
0.8 x U
N
0.3 x U
N
0.8 x U
N
0.4 x U
N
0.8 x U
N
0.25 x U
N
Typical input current at U
N
8 mA
4 mA
9 mA
4 mA
Typical response time at U
N
20
μs6 ms
20
μs6 ms
Typical release time at U
N
300
μs
10 ms
300
μs
10 ms
Transmission frequency f
limit
300 Hz
10 Hz
300 Hz
10 Hz
Input circuit
Yellow LED,
protection
against polarity
reversal, free-
wheeling diode
Yellow LED, bridge
rectifier
Yellow LED,
protection
against polarity
reversal, free-
wheeling diode
Yellow LED, bridge
rectifier
1
The PLC-ATP BK insulating plate must be installed for voltages greater than 250 V (L1, L2, L3) between the same terminal points on adjacent modules
(see "Accessories"). FBST 8-PLC... or FBST 500... is then used for potential bridging.
Output Data
PLCOS...48DC/100
PLCOS...24DC/2
Maximum switching voltage
48 V DC
33 V DC
Minimum switching voltage
3 V DC
Limiting continuous current
100 mA
3 A (see "Derating Curve")
Maximum inrush current
–
15 A (10 ms)
Output configuration
2-wire floating
Output circuit
Protection against polarity reversal, surge protection
Voltage drop at maximum limiting continuous current
≤ 1 V
≤ 200 mV
General Data
Impulse voltage withstand level
2.5 kV, 50 Hz, 1 min.
Ambient temperature range
Operation
Storage/transport
-25°C ... 60°C
-40°C ... 85°C
Nominal operating mode
100% operating factor
Inflammability class according to UL 94 (housing)
V0
Standards/specifications
1
IEC 60664, IEC 60664 A, DIN VDE 0110 (basic insulation)
Pollution degree
2
Surge voltage category
III
Mounting position
Any
Mounting
Can be aligned without spacing
Conductor cross-section
Solid, with screw connection
Stranded, with screw connection
Solid, with spring-cage connection
Stranded, with spring-cage connection
0.14 mm
2
... 2.5 mm
2
(26 - 14 AWG)
0.14 mm
2
... 1.5 mm
2
(26 - 14 AWG)
0.2 mm
2
... 2.5 mm
2
(24 - 14 AWG)
0.2 mm
2
... 1.5 mm
2
(24 - 14 AWG)
Stripping length
Screw connection
Spring-cage connection
10 mm
8 mm
Dimensions (W x H x D)
6.2 mm x 94 mm x 80 mm
Housing material
Polyamide PA, green
1
The PLC-ATP BK insulating plate must be installed for safe isolation between adjacent modules (see "Accessories"). FBST 8-PLC... or FBST 500... is
then used for potential bridging.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com