Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-OS Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-OS
Description  PLC INTERFACE With Solid-State Relay, Universal Version
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-OS Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-OS Datasheet HTML 1Page - PHOENIX CONTACT PLC-OS Datasheet HTML 2Page - PHOENIX CONTACT PLC-OS Datasheet HTML 3Page - PHOENIX CONTACT PLC-OS Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© PHOENIX CONTACT - 03/2008
103148_en_02
INTERFACE
PLC-OS…
Data Sheet
1Description
PLC-OS… relay modules, which can be used universally,
comprise 6.2 mm basic terminal blocks and plug-in
miniature solid-state relays with screw or spring-cage
connection.
1.1
Input Voltages From 24 V to 230 V
The PLC-OS… is available on the control side in all common
industrial voltages from 24 V to 230 V. A further advantage
is the ready-integrated input circuit. It consists of a status
indicator and polarity reversal protection function, and
ensures that the operating state is displayed clearly, also
preventing destruction of the optical electronics should the
polarity be accidentally reversed.
1.2
Plug-In Bridges Save Wiring
The PLC INTERFACE module achieves maximum
efficiency with the user-friendly FBST plug-in bridge system.
The PLC-OS… makes effective use of the bridging options
for the A1/A2 connection on the control side and for the
power supply at connection 13 on the load side. Especially
effective here are the 500 mm long color-insulated
continuous plug-in bridges that can easily be cut to the
required length and quickly inserted in the bridge shafts.
They eliminate the need for complicated and time-
consuming loop bridges.
1.3
Additional Advantages
–
Switching power of up to 24 V DC/3 A, depending on
the type
–
IP67-protected fully encapsulated optical electronics
–
Available with input or power solid-state relays as an
option
–
Integrated input circuit
–
Solid-state relay can be replaced using an engagement
lever
–
Wear-resistant switching
–
Resistant to vibrations and shocks
–
Inflammability class V0 according to UL94
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed on the following page:
PLC INTERFACE With Solid-State Relay,
Universal Version


Similar Part No. - PLC-OS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
Solid-state relay module
PLC-OSC-125DC PHOENIX-PLC-OSC-125DC Datasheet
80Kb / 5P
Efficient connection to system cabling using V8 adapter
PLC-OSC-230UC PHOENIX-PLC-OSC-230UC Datasheet
159Kb / 12P
Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
Solid-state relay module
PLC-OSC-48DC PHOENIX-PLC-OSC-48DC Datasheet
152Kb / 11P
Solid-state relay module
More results

Similar Description - PLC-OS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2982566 PHOENIX-2982566 Datasheet
119Kb / 9P
Solid-state relay module - PLC-OSP-110DC/110DC/ 3RW
PLC-RSP-24DC PHOENIX-PLC-RSP-24DC Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
103148 PHOENIX-103148 Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
103152 PHOENIX-103152 Datasheet
258Kb / 3P
PLC INTERFACE With Solid-State Relay, Sensor Version
2900363 PHOENIX-2900363 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OPT- 24DC/TTL
2900381 PHOENIX-2900381 Datasheet
86Kb / 5P
Solid-state relay module - PLC-OPT- 5DC/300DC/1
2982728 PHOENIX-2982728 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OSC- 24DC/TTL
2900368 PHOENIX-2900368 Datasheet
437Kb / 14P
Solid-state relay module - PLC-OPT-230UC/ 24DC/2
2900355 PHOENIX-2900355 Datasheet
436Kb / 15P
Solid-state relay module - PLC-OPT-120UC/ 48DC/100
2900370 PHOENIX-2900370 Datasheet
436Kb / 14P
Solid-state relay module - PLC-OPT- 48DC/230AC/1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com