Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-OS Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-OS
Description  PLC INTERFACE With Solid-State Relay, Universal Version
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-OS Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-OS Datasheet HTML 1Page - PHOENIX CONTACT PLC-OS Datasheet HTML 2Page - PHOENIX CONTACT PLC-OS Datasheet HTML 3Page - PHOENIX CONTACT PLC-OS Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLC-OS…
103148_en_02
PHOENIX CONTACT
2
2Ordering Data
PLC INTERFACE With Screw Connection
Description
Type
Order No.
Pcs./Pck.
PLC INTERFACE With Input Solid-State Relay, Universal Version
PLC INTERFACE, comprising PLC-BSC... basic
terminal block and plug-in miniature solid-state
relay (see INTERFACE catalog), for mounting on
3. Other input voltages on request.
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
1
PLCOSC- 24DC/48DC/100
PLCOSC-120UC/48DC/100
PLCOSC-230UC/48DC/100
2966728
2966744
2966757
10
10
10
PLC INTERFACE With Power Solid-State Relay, Universal Version
PLC INTERFACE, comprising PLC-BSC.../21
basic terminal block and plug-in miniature solid-
state relay (see INTERFACE catalog), for
mounting on
3. Other input voltages on
request.
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
1
PLCOSC- 24DC/24DC/2
PLCOSC-120UC/24DC/2
PLCOSC-230UC/24DC/2
2966634
2966650
2966663
10
10
10
1
The PLC-ATP BK insulating plate must be installed for voltages greater than 250 V (L1, L2, L3) between the same terminal points on adjacent modules
(see "Accessories"). FBST 8-PLC... or FBST 500... is then used for potential bridging.
PLC INTERFACE With Spring-Cage Connection
Description
Type
Order No.
Pcs./Pck.
PLC INTERFACE With Input Solid-State Relay, Universal Version
PLC INTERFACE, comprising PLC-BSC... basic
terminal block and plug-in miniature solid-state
relay (see INTERFACE catalog), for mounting on
3. Other input voltages on request.
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
1
PLCOSP- 24DC/48DC/100
PLCOSP-120UC/48DC/100
PLCOSP-230UC/48DC/100
2967549
2967552
2967565
10
10
10
PLC INTERFACE With Power Solid-State Relay, Universal Version
PLC INTERFACE, comprising PLC-BSC.../21
basic terminal block and plug-in miniature solid-
state relay (see INTERFACE catalog), for
mounting on
3. Other input voltages on
request.
24 V DC
120 V AC/110 V DC
230 V AC/220 V DC
1
PLCOSP- 24DC/24DC/2
PLCOSP-120UC/24DC/2
PLCOSP-230UC/24DC/2
2967471
2967484
2967497
10
10
10
1
The PLC-ATP BK insulating plate must be installed for voltages greater than 250 V (L1, L2, L3) between the same terminal points on adjacent modules
(see "Accessories"). FBST 8-PLC... or FBST 500... is then used for potential bridging.
With the 120 V and 230 V modules, an OPT-60DC/... 60 V solid-state relay is normally used due to the input circuit integrated in the basic terminal
block.
For the protection of input and output, inductive loads must be dampened with an effective protective circuit.
Accessories
Description
Type
Order No.
Pcs./Pck.
Insulating plate
PLC-ATP BK
2966841
25
For additional accessories such as power terminal blocks and plug-in bridges, please refer to the INTERFACE catalog or www.phoenixcontact.com.
The PLC-ATP BK insulating plate should be used in the following cases: always fit at the start and end of a PLC terminal strip for voltages
greater than 250 V (L1, L2, L3) between the same terminal points on adjacent modules (FBST 8-PLC... or FBST 500... can be used for
potential bridging) and for safe isolation between adjacent modules.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com