Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-24UC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RPT-24UC
Description  PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-24UC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RPT-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2900321
10/28/2014   Page 3 / 6
Relay Module - PLC-RPT- 24UC/21AU/RW - 2900321
Technical data
Contact side
Minimum switching voltage
12 V AC/DC
Limiting continuous current
6 A
Min. switching current
10 mA
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
20 W (at 48 V DC)
18 W (at 60 V DC)
23 W (at 110 V DC)
40 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 110 V, DC13)
0.1 A (at 220 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 230 V, AC15)
General
Test voltage relay winding/relay contact
4 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT III (Relay)
IP20 (Relay socket)
Mechanical service life
Approx. 2 x 107 cycles
Inflammability class according to UL 94
V0
Standards/regulations
EN 50155 (VDE 0115 part 200)
EN 50178
IEC 62103
EN 61373
EN 50121
Rated surge voltage / insulation
6 kV
Rated insulation voltage
250 V AC
Pollution degree
2
Surge voltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data
Connection method
Push-in connection
Stripping length
8 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com