Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-24UC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLC-RPT-24UC
Description  PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-24UC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLC-RPT-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/us/products/2900321
10/28/2014   Page 4 / 6
Relay Module - PLC-RPT- 24UC/21AU/RW - 2900321
Technical data
Connection data
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG/kcmil max
14
Conductor cross section AWG/kcmil min.
26
Classifications
eCl@ss
eCl@ss 4.0
27371001
eCl@ss 4.1
27371001
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 4.0
EC000196
ETIM 5.0
EC000196
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121515
UNSPSC 11
39121515
UNSPSC 12.01
39121515
UNSPSC 13.2
39121515
Approvals
Approvals
Approvals
UL Listed / cUL Listed / UL Recognized / cUL Recognized / GL / cULus Recognized / cULus Listed
Ex Approvals



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com