Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-24UC Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # PLC-RPT-24UC
Description  PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-24UC Datasheet(HTML) 6 Page - PHOENIX CONTACT

  PLC-RPT-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/us/products/2900321
10/28/2014   Page 6 / 6
Relay Module - PLC-RPT- 24UC/21AU/RW - 2900321
Diagram
Switchingcurrent[A]
250V AC,ohmicload
10
6
10
5
0
2
4
6
8
10
4
1
1
Electrical service life
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
1
ohmicload
Switchingvoltage[V]
DC interrupting rating
Circuit diagram
A1
A2
11
14
12
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com