Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL0601RGB Datasheet(PDF) 1 Page - Rohm

Part # MSL0601RGB
Description  Small and high Brightness side-view RGB LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MSL0601RGB Datasheet(HTML) 1 Page - Rohm

  MSL0601RGB Datasheet HTML 1Page - Rohm MSL0601RGB Datasheet HTML 2Page - Rohm MSL0601RGB Datasheet HTML 3Page - Rohm MSL0601RGB Datasheet HTML 4Page - Rohm MSL0601RGB Datasheet HTML 5Page - Rohm MSL0601RGB Datasheet HTML 6Page - Rohm MSL0601RGB Datasheet HTML 7Page - Rohm MSL0601RGB Datasheet HTML 8Page - Rohm MSL0601RGB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MSL0601RGB Series
    
Data Sheet
■Features
■Outline
• Small and high Brightness side-view RGB LED
• Thin package of only 1.0mm
■Size
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF Max. VR Min.*3 Typ. Max.*3 IF
Min. Typ.
IF
(V) (mA) (μA) (V) (nm) (nm) (nm) (mA) (mcd) (mcd) (mA)
2.1
619 624 629
600 700
3.3
520 527 535
1100 1250
3.2
465 470 475
290 360
VR(V)
Topr(ºC)
Tstg(ºC)
Power Forward
20
40
30
5
Part No.
Chip Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Reverse
Operating Temp.
Storage Temp.
Forward Voltage VF Reverse Current IR
Dominant Wavelength
λ
D
Luminous Intensity IV
Dissipation *1
Current Current *2 Voltage
PD(mW)
Peak Forward
IF(mA) IFP(mA)
Emitting
Color
AlGaInP
Green
InGaN
Red
Blue
100
MSL0601RGBU
5
-40〜+85
300
-40〜+100
20
10
20
*1 : Total power dissipation in case of lighting several colors., *2:Pulse width≦1ms, Duty≦1/20, *3 : Measurement tolerance:±2nm
note1)Tolerance is within±0.1mm unless otherwise specified.
(unit : mm)
note2)Plating is formed on the bottom side and back side.
(unit : mm)
Color
Type
G
R
B
29135 (1105)
2.9
×
1.35mm (t=1.0mm)
0 . 3
0 . 6
0 . 6
3 . 3
0 . 6
0 . 3
0 . 3
0 . 6
R
G
B
R e s i s t
0 . 3 5
1 . 0 5
0 . 2 2
+ 0 . 1 0
- 0 . 1 5
0 . 2 2
+ 0 . 1 0
- 0 . 1 5
1 . 0 5
0 . 4 1
+ 0 . 1 0
- 0 . 2 0
0 . 4 1
+ 0 . 1 0
- 0 . 2 0
E l e c t r o d e
0 . 6
0 . 2 2
+ 0 . 1 0
- 0 . 1 5
0 . 3 5
0 . 6
A n o d e
( 1 )
C a t h o d e
R
B
G
( 4 )
( 3 )
( 2 )
( 1 )
( 2 )
( 3 )
( 4 )
1 . 4 5
0 . 4 5
0 . 4 5
1 . 4 5
0 . 4 5
0 . 4 5
1 . 4 5
________________________________________________________
www.rohm.co.jp
©2018 ROHM Co., Ltd. All rights reserved
1/8
2018.3 - Rev.001


Similar Part No. - MSL0601RGB

ManufacturerPart #DatasheetDescription
logo
Rohm
MSL0101 ROHM-MSL0101 Datasheet
1Mb / 4P
Side view RGB LEDs
MSL0101RGB ROHM-MSL0101RGB Datasheet
1Mb / 4P
Side view RGB LEDs
MSL0101RGBU1 ROHM-MSL0101RGBU1 Datasheet
137Kb / 4P
SRGB-S
MSL0104RGB ROHM-MSL0104RGB Datasheet
871Kb / 11P
Side view RGB LEDs
MSL0104RGBU ROHM-MSL0104RGBU Datasheet
871Kb / 11P
Side view RGB LEDs
More results

Similar Description - MSL0601RGB

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12 ROHM-SML-A12 Datasheet
450Kb / 3P
High Brightness Type Side view chip LEDs
logo
Sharp Corporation
GM4WA25300A SHARP-GM4WA25300A Datasheet
278Kb / 1P
RGB 3-Chip Side View TAF LED
logo
Rohm
SMLA13WB ROHM-SMLA13WB Datasheet
108Kb / 3P
Side View Chip LEDs High Brightness Type
MSL0101 ROHM-MSL0101 Datasheet
1Mb / 4P
Side view RGB LEDs
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
logo
Rohm
MSL0104RGB ROHM-MSL0104RGB Datasheet
871Kb / 11P
Side view RGB LEDs
MSL0201RGB ROHM-MSL0201RGB Datasheet
652Kb / 10P
Side view RGB LEDs
MSL0402RGB ROHM-MSL0402RGB Datasheet
425Kb / 11P
Small and high Brightness RGB LED
logo
Harvatek Corporation
B3DQ3 HARVATEK-B3DQ3 Datasheet
1Mb / 15P
Side view ICRGB Chip LED
02/07/2020 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com