Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL0601RGB Datasheet(PDF) 4 Page - Rohm

Part # MSL0601RGB
Description  Small and high Brightness side-view RGB LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MSL0601RGB Datasheet(HTML) 4 Page - Rohm

  MSL0601RGB Datasheet HTML 1Page - Rohm MSL0601RGB Datasheet HTML 2Page - Rohm MSL0601RGB Datasheet HTML 3Page - Rohm MSL0601RGB Datasheet HTML 4Page - Rohm MSL0601RGB Datasheet HTML 5Page - Rohm MSL0601RGB Datasheet HTML 6Page - Rohm MSL0601RGB Datasheet HTML 7Page - Rohm MSL0601RGB Datasheet HTML 8Page - Rohm MSL0601RGB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
    
[Data Sheet]
■Taping(1)
Unit:
mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags.
or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
[MSL0601RGB series]
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags
Series name
Package Type
Chip type
Emitting Color
Resin ColorTaping Specification
CSL
04
V
T
07
U
W
09
D
U
Y
W
MSL
01
M
02
WB
04
RGB
06
0
Milkey White
6
M
S
L
0
1
R
G
B
U
Red
Transparent Colorless
1
Red
Orange
1.6x0.8 t=1.24mm
Chip LED
2.8x1.2 t=0.8mm
2.9x1.35 t=1.0mm
2.9x2.5 t=3.1mm
Multi color series
6.9x2.2 t=2.15mm
Yellowish green
3.05x1.3 t=0.43mm
Yellow
Yellow
1.8x1.6 t=0.5mm
*Please refer to the Specification sheet about Taping specification.
White
RGB
11.4
±1
P ul l
d er ec ti on
Pa ck in g
q ua nt it y
3,0 00 PC S/ re el
R
B
G
± 0 . 0 5
2
φ 1 . 5
+ 0 . 1
0
4
± 0 . 1
1 . 5 5
+ 0 . 1
- 0 . 0 8
4
± 0 . 1
1 . 1 5
+ 0 . 1
- 0 . 0 6
0 . 2
± 0 . 1
E m i t t i n g
s u r f a c e
E m i t t i n g
s u r f a c e
________________________________________________________
www.rohm.co.jp
©2018 ROHM Co., Ltd. All rights reserved
4/8
2018.3 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com