Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL0601RGB Datasheet(PDF) 2 Page - Rohm

Part # MSL0601RGB
Description  Small and high Brightness side-view RGB LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MSL0601RGB Datasheet(HTML) 2 Page - Rohm

  MSL0601RGB Datasheet HTML 1Page - Rohm MSL0601RGB Datasheet HTML 2Page - Rohm MSL0601RGB Datasheet HTML 3Page - Rohm MSL0601RGB Datasheet HTML 4Page - Rohm MSL0601RGB Datasheet HTML 5Page - Rohm MSL0601RGB Datasheet HTML 6Page - Rohm MSL0601RGB Datasheet HTML 7Page - Rohm MSL0601RGB Datasheet HTML 8Page - Rohm MSL0601RGB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
[MSL0601RGB series]
Reference
Ta=25ºC
FORWARD VOLTAGE : VF [V]
I
F=20mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
MSL0601RGB (R)
MSL0601RGB (G)
MSL0601RGB (B)
MSL0601RGB (R)
MSL0601RGB (G)
MSL0601RGB (B)
MSL0601RGB (R)
MSL0601RGB (G)
MSL0601RGB (B)
MSL0601RGB (R)
MSL0601RGB (G)
MSL0601RGB (B)
________________________________________________________
www.rohm.co.jp
©2018 ROHM Co., Ltd. All rights reserved
2/8
2018.3 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com