Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR5KF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PDR5KF
Description  5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5KF Datasheet(HTML) 4 Page - Diodes Incorporated

  PDR5KF Datasheet HTML 1Page - Diodes Incorporated PDR5KF Datasheet HTML 2Page - Diodes Incorporated PDR5KF Datasheet HTML 3Page - Diodes Incorporated PDR5KF Datasheet HTML 4Page - Diodes Incorporated PDR5KF Datasheet HTML 5Page - Diodes Incorporated PDR5KF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PDR5KF
Document number: DS32117 Rev. 6 - 2
4 of 6
www.diodes.com
April 2017
© Diodes Incorporated
PDR5KF
1
10
100
1000
10000
0.0001 0.001
0.01
0.1
1
10
100
1000
Single Pulse
Rthja=24.3C/W
Rthja(t)=Rthja * r(t)
Tj-Ta=P * Rthja (t)
Figure 7 Single Pulse Maximum Power Dissipation
t , PULSE DURATION TIME (sec)
1
Device mounted on 2 x 2 inch
Alumina ceramic substrate
PC board
Tj = 150 C
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com