Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR5KF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDR5KF
Description  5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5KF Datasheet(HTML) 3 Page - Diodes Incorporated

  PDR5KF Datasheet HTML 1Page - Diodes Incorporated PDR5KF Datasheet HTML 2Page - Diodes Incorporated PDR5KF Datasheet HTML 3Page - Diodes Incorporated PDR5KF Datasheet HTML 4Page - Diodes Incorporated PDR5KF Datasheet HTML 5Page - Diodes Incorporated PDR5KF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PDR5KF
Document number: DS32117 Rev. 6 - 2
3 of 6
www.diodes.com
April 2017
© Diodes Incorporated
PDR5KF
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
Figure 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
700
800
Figure 3 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 0°C
A
T = -40°C
A
T = -55°C
A
0
1
2
3
4
5
6
0
25
50
75
100
125
150
Figure 5 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A
Note 7
Note 6
0
25
50
75
100
125
150
175
0
100 200 300 400 500 600 700 800 900 1000
Figure 6 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2 Typical Forward Characteristics
-55
℃
25
℃
85
℃
125
℃
150
℃
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
24
28
32
36
40
V
R, DC REVERSE VOLTAGE (V)
Figure 4 Typical Total Capacitance
f =1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com