Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR5KF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDR5KF
Description  5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5KF Datasheet(HTML) 2 Page - Diodes Incorporated

  PDR5KF Datasheet HTML 1Page - Diodes Incorporated PDR5KF Datasheet HTML 2Page - Diodes Incorporated PDR5KF Datasheet HTML 3Page - Diodes Incorporated PDR5KF Datasheet HTML 4Page - Diodes Incorporated PDR5KF Datasheet HTML 5Page - Diodes Incorporated PDR5KF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PDR5KF
Document number: DS32117 Rev. 6 - 2
2 of 6
www.diodes.com
April 2017
© Diodes Incorporated
PDR5KF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
800
V
Average Rectified Output Current
@TA = +60°C
IO
5
A
Peak Repetitive Reverse Surge Voltage (Note 5)
VRSM
1,050
V
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
200
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Lead (Note 7)
RθJL
2.2
°C/W
Typical Thermal Resistance Junction to Lead (Note 6)
RθJL
9.5
°C/W
Typical Thermal Resistance Junction to Ambient (Note 7)
RθJA
24.5
°C/W
Typical Thermal Resistance Junction to Ambient (Note 6)
RθJA
77
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 8)
V(BR)R
800
V
IR = 10µA
Forward Voltage
VF
0.96
1.2
V
IF = 5A, TS = +25°C
Reverse Leakage Current (Note 8)
IR
0.04
0.006
10
0.3
µA
mA
VR = 800V, TJ = +25°C
VR = 800V, TJ = +125°C
Reverse Recovery Time
tRR
318
500
ns
IF = 0.5A, IR = 1.0A,
IRR = 0.25A
Total Capacitance
CT

30
pF
VR = 4.0VDC, f = 1MHz
Notes:
5. Per IEC61000-4-5 surge standard, 1.2/50µs voltage impulse, 2
Ω source impedance, 8x20µs surge current.
6. Device mounted on FR-4 PC board, 2oz copper trace weight, with 1x recommended pad layout. Please refer to our website
http://www.diodes.com/package-outlines.html for the latest revision.
7. Device mounted on 2 inch by 2 inch Alumina substrate PC board.
8. Short duration pulse test used to minimize the self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com