Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7900288 Datasheet(PDF) 2 Page - SICK AG

Part # 7900288
Description  MAGNETIC PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7900288 Datasheet(HTML) 2 Page - SICK AG

  7900288 Datasheet HTML 1Page - SICK AG 7900288 Datasheet HTML 2Page - SICK AG 7900288 Datasheet HTML 3Page - SICK AG 7900288 Datasheet HTML 4Page - SICK AG 7900288 Datasheet HTML 5Page - SICK AG 7900288 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MM18-70A-N-ZW0 | MM Namur
MAGNETIC PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
MM18-70A-N-ZW0
7900288
Other models and accessories
www.sick.com/MM_Namur
Detailed technical data
Features
Housing
Cylindrical thread design
Thread size
M18
1
Diameter
Ø 18 mm
Sensing range Sn
5 mm ... 70 mm 1)
Safe sensing range Sa
56.7 mm
Magnetic sensitivity
0.7 mT
Switching frequency
5,000 Hz
Connection type
Cable, 2-wire, 2 m 2)
Switching output
NAMUR
Output characteristic
Control current depending on switching state according to NAMUR EN 60947-5-6
Electrical wiring
DC 2-wire
Magnetic alignment
Axial
Enclosure rating
IP67 3)
1) Sensing range based on installation in non-magnetic material using Magnet MAG-3010-B (M4.0).
2) Do not bend below 0 °C.
3) According to EN 60529.
Mechanics/electronics
Ripple
≤ 5 % 1)
Time delay before availability
≤ 2 ms
Hysteresis
1 % ... 10 %
Reproducibility
≤ 1 % 2)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Current consumption, sensor is activated
≥ 2.5 mA
1) Of VS.
2) Von Sr (VS und Ta constant).
3) For connection to a separately certified intrinsically safe circuit only.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-07-07 23:38:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com