Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7900288 Datasheet(PDF) 5 Page - SICK AG

Part # 7900288
Description  MAGNETIC PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7900288 Datasheet(HTML) 5 Page - SICK AG

  7900288 Datasheet HTML 1Page - SICK AG 7900288 Datasheet HTML 2Page - SICK AG 7900288 Datasheet HTML 3Page - SICK AG 7900288 Datasheet HTML 4Page - SICK AG 7900288 Datasheet HTML 5Page - SICK AG 7900288 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MM18-70A-N-ZW0 | MM Namur
MAGNETIC PROXIMITY SENSORS
Recommended accessories
Other models and accessories
www.sick.com/MM_Namur
Brief description
Type
Part no.
Universal bar clamp systems
Plate N06 for universal clamp bracket, M18, Zinc plated steel (sheet), Zinc die cast
(clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N06
2051612
Plate N06N for universal clamp bracket, M18, Stainless steel 1.4571 (sheet), Stainless
steel 1.4408 (clamp), Universal clamp (5322627), mounting hardware
BEF-KHS-N06N
2051622
Mounting bar, straight, 200 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-A
4056054
Mounting bar, straight, 200 mm, stainless steel, Stainless steel (1.4571)
BEF-MS12G-NA
4058914
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Terminal and alignment brackets
Clamping block for round sensors M18, without fixed stop, plastic (PA12), glass-fiber re-
inforced, mounting hardware included
BEF-KH-M18
2051481
Clamping block for round sensors M18, with fixed stop, plastic (PA12), glass-fiber rein-
forced, mounting hardware included
BEF-KHF-M18
2051482
Modules and gateways
NAMUR isolatig amplifier, Cable fault detection, Switching outputs: 2 NO relay (1 per
channel), Supply voltage: 24 V ... 230 V, Voltage type: AC/DC
EN2-2EX1
6041096
NAMUR isolatig amplifier, Cable fault detection, Switching outputs: 2 NO relay (1 per
channel), Supply voltage: 19,2 V ... 30 V, Voltage type: DC
EN2-2EX3
6041095
Magnets
Magnet without mounting hole, Ø 6 mm, height 25 mm
MAG-0625-A
7901783
Magnet without mounting hole, Ø 10 mm, height 3 mm
MAG-1003-S
7901782
Magnet with mounting hole for M4 countersunk screw, Ø 20 mm, height 6.5 mm
MAG-2006-B
7901784
Magnet without mounting hole, Ø 30 mm, height 10 mm
MAG-3010-B
7901785
Magnet with mounting hole for M5 flat head screw, Ø 31 mm, height 15 mm
MAG-3015-B
7901786
Magnet with mounting hole for M5 flat head screw, Ø 36 mm, height 19.5 mm
MAG-3515-B
7902086
2018-07-07 23:38:28 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com