Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7900288 Datasheet(PDF) 3 Page - SICK AG

Part # 7900288
Description  MAGNETIC PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7900288 Datasheet(HTML) 3 Page - SICK AG

  7900288 Datasheet HTML 1Page - SICK AG 7900288 Datasheet HTML 2Page - SICK AG 7900288 Datasheet HTML 3Page - SICK AG 7900288 Datasheet HTML 4Page - SICK AG 7900288 Datasheet HTML 5Page - SICK AG 7900288 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MM18-70A-N-ZW0 | MM Namur
MAGNETIC PROXIMITY SENSORS
Current consumption, sensor is not activat-
ed
≤ 1 mA
Cable material
PVC
Conductor size
0.34 mm²
Cable resistance
≤ 50 Ω
Wire-break protection
✔
Short-circuit protection
✔
Reverse polarity protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +70 °C
Housing material
Metal, Nickel-plated brass
Housing length
50 mm
Thread length
40 mm
Tightening torque, max.
≤ 25 Nm
Items supplied
Fastening nuts (2 x)
EC Approval Certificate
TÜV 99 ATEX 1398
ATEX marking
EX II 2G Ex ib IIC T6 Gb Ta: - 25 °C ... + 70 °C
Ex area category
2G
Input voltage Ui max.
16 V 3)
Input power Pi max.
100 mW 3)
Input current Ii max.
30 mA 3)
Internal capacitance Ci max.
15 nF 3)
Internal inductance Li max.
35 µH 3)
Nominal voltage
8.2 V DC
1) Of VS.
2) Von Sr (VS und Ta constant).
3) For connection to a separately certified intrinsically safe circuit only.
Classifications
ECl@ss 5.0
27270104
ECl@ss 5.1.4
27270104
ECl@ss 6.0
27270104
ECl@ss 6.2
27270104
ECl@ss 7.0
27270104
ECl@ss 8.0
27270104
ECl@ss 8.1
27270104
ECl@ss 9.0
27270104
ETIM 5.0
EC002544
ETIM 6.0
EC002544
UNSPSC 16.0901
39122230
2018-07-07 23:38:28 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com