Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 4 Page - Texas Instruments

  ESDS312 Datasheet HTML 1Page - Texas Instruments ESDS312 Datasheet HTML 2Page - Texas Instruments ESDS312 Datasheet HTML 3Page - Texas Instruments ESDS312 Datasheet HTML 4Page - Texas Instruments ESDS312 Datasheet HTML 5Page - Texas Instruments ESDS312 Datasheet HTML 6Page - Texas Instruments ESDS312 Datasheet HTML 7Page - Texas Instruments ESDS312 Datasheet HTML 8Page - Texas Instruments ESDS312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
ESDS312, ESDS314
SLVSEG9A – MAY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IEC 61000-4-4
Electrical Fast
Transient
Peak Power at 25 °C
80
A
IEC 61000-4-5
Surge (tp 8/20
µs
Peak Power at 25 °C
170
W
Peak Current at 25 °C
25
A
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
155
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. [Following sentence
optional; see the wiki.] Manufacturing with less than 500-V HBM is possible with the necessary precautions. [Following sentence
optional; see the wiki.] Pins listed as ±WWW V and/or ±XXX V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. [Following sentence
optional; see the wiki.] Manufacturing with less than 250-V CDM is possible with the necessary precautions. [Following sentence
optional; see the wiki.] Pins listed as ±YYY V and/or ±ZZZ V may actually have higher performance.
6.2 ESD Ratings -JEDEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, allpins(1)
±2500
V
Charged device model (CDM), per JEDEC
specificationJESD22-C101, all pins(2)
±1000
6.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
IEC 61000-4-2 Air Discharge, all pins
±30000
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
0
3.6
V
TA
Operating Free Air Temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information
THERMAL METRIC(1)
ESDS314, ESDS312
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
224.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
166.1
°C/W
RθJB
Junction-to-board thermal resistance
68.4
°C/W
ΨJT
Junction-to-top characterization parameter
57.3
°C/W
ΨJB
Junction-to-board characterization parameter
67.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
TBD
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com