Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ESDS312 Datasheet HTML 9Page - Texas Instruments ESDS312 Datasheet HTML 10Page - Texas Instruments ESDS312 Datasheet HTML 11Page - Texas Instruments ESDS312 Datasheet HTML 12Page - Texas Instruments ESDS312 Datasheet HTML 13Page - Texas Instruments ESDS312 Datasheet HTML 14Page - Texas Instruments ESDS312 Datasheet HTML 15Page - Texas Instruments ESDS312 Datasheet HTML 16Page - Texas Instruments ESDS312 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
0.22
0.08
0.25
3.0
2.6
2X 0.95
1.9
1.45 MAX
TYP
0.15
0.00
5X
0.5
0.3
TYP
0.6
0.3
TYP
8
0
1.9
A
3.05
2.75
B
1.75
1.45
(1.1)
SOT-23 - 1.45 mm max height
DBV0005A
SMALL OUTLINE TRANSISTOR
4214839/C 04/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Refernce JEDEC MO-178.
0.2
C A B
1
3
4
5
2
INDEX AREA
PIN 1
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com