Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312
Description  Data-Line Surge and ESD Protection Diode Array
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESDS312 Datasheet HTML 2Page - Texas Instruments ESDS312 Datasheet HTML 3Page - Texas Instruments ESDS312 Datasheet HTML 4Page - Texas Instruments ESDS312 Datasheet HTML 5Page - Texas Instruments ESDS312 Datasheet HTML 6Page - Texas Instruments ESDS312 Datasheet HTML 7Page - Texas Instruments ESDS312 Datasheet HTML 8Page - Texas Instruments ESDS312 Datasheet HTML 9Page - Texas Instruments ESDS312 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Time (Ps)
0
20
40
60
80
100
120
140
160
180
200
-2.5
-20
0
0
2.5
20
5
40
7.5
60
10
80
12.5
100
15
120
17.5
140
20
160
22.5
180
25
200
27.5
220
D003
D003
Voltage (V)
Current (A)
Power (W)
Peak Pulse Cuurent (A)
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
D001
Peak Pulse Current (A)
0
5
10
15
20
25
30
0
1
2
3
4
5
D002
6
ESDS312, ESDS314
SLVSEG9A – MAY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 1. Clamping Voltage vs. Peak Pulse Current (tp= 8/20
µs), Any IO Pin to GND
Figure 2. Clamping Voltage vs. Peak Pulse Current (tp= 8/20
µs), GND to Any IO Pin
Figure 3. Surge Current, Clamping Voltage and Power Curve (tp = 8/20 µs), Any IO Pin to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com