Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8330ACPZ-R2
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8330ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD8330
Rev. H | Page 3 of 32
SPECIFICATIONS
VS = 5 V, TA = 25°C, CL = 12 pF on OPHI and OPLO, RL = ∞, VDBS = 0.75 V, VMODE = high, VMAG = Pin VMAG open circuit (0.5 V),
VOFST = 0 V, differential operation, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT INTERFACE
Pin INHI, Pin INLO
Full-Scale Input
VDBS = 0 V, differential drive
±1.4
±2
V
VDBS = 1.5 V
±4.5
±6.3
mV
Input Resistance
Pin-to-pin
800
1 k
1.2 k
Ω
Input Capacitance
Either pin to COMM
4
pF
Voltage Noise Spectral Density
f = 1 MHz, VDBS = 1.5 V; inputs ac-shorted
5
nV/√Hz
Common-Mode Voltage Level
2.75
3.0
3.25
V
Input Offset
Pin OFST connected to Pin COMM
1
mV rms
Drift
2
µV/°C
Permissible CM Range1
0
VS
V
Common-Mode AC Rejection
f = 1 MHz, 0.1 V rms
−60
dB
f = 50 MHz
−55
dB
OUTPUT INTERFACE
Pin OPHI, Pin OPLO
Small Signal –3 dB Bandwidth
0 V < VDBS < 1.5 V
150
MHz
Peak Slew Rate
VDBS = 0 V
1500
V/µs
Peak-to-Peak Output Swing
±1.8
±2
±2.2
V
VMAG ≥ 2 V (peaks are supply limited)
±4
±4.5
V
Common-Mode Voltage
Pin CNTR O/C
2.4
2.5
2.6
V
Offset Voltage
Offset Correction Enabled
1
±5
mV
Offset Correction Disabled
Pin OFST connected to ground
8
±40
mV
Voltage Noise Spectral Density
f = 1 MHz, VDBS = 0 V
62
nV/√Hz
Differential Output Impedance
Pin-to-pin
120
150
180
Ω
HD22
VOUT = 1 V p-p, f = 10 MHz, RL = 1 kΩ
−62
dBc
HD32
VOUT = 1 V p-p, f = 10 MHz, RL = 1 kΩ
−53
dBc
OUTPUT OFFSET CONTROL
Pin OFST
AC-Coupled Offset
CHPF on Pin OFST (0 V < VDBS < 1.5 V)
10
mV rms
High-Pass Corner Frequency
CHPF = 3.3 nF, from OFST to CNTR (scales as 1/CHPF)
100
kHz
COMMON-MODE CONTROL
Pin CNTR
Usable Voltage Range
0.5
4.5
V
Input Resistance
From Pin CNTR to VS/2
4
kΩ
DECIBEL GAIN CONTROL
VDBS, CMGN, and MODE pins
Normal Voltage Range
CMGN connected to COMM
0 to 1.5
V
Elevated Range
CMGN O/C (VCMGN rises to 0.2 V)
0.2 to 1.7
V
Gain Scaling
Mode high or low
27
30
33
mV/dB
Gain Linearity Error
0.3 V ≤ VDBS ≤ 1.2 V
−0.35
±0.1
+0.35
dB
Absolute Gain Error
VDBS = 0 V
−2
±0.5
+2
dB
Bias Current
Flows out of Pin VDBS
100
nA
Incremental Resistance
100
MΩ
Gain Settling Time to 0.5 dB Error
VDBS stepped from 0.05 V to 1.45 V or 1.45 V to 0.05 V
250
ns
Mode Up/Down
Pin MODE
Mode Up Logic Level
Gain increases with VDBS, MODE = O/C
1.5
V
Mode Down Logic Level
Gain decreases with VDBS
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com