Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8330ACPZ-R2
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8330ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD8330
Rev. H | Page 11 of 32
FREQUENCY (Hz)
7
100k
0
1
2
3
6
100M
4
5
1M
10M
VDBS = 1.5V
Figure 22. Input Referred Noise vs. Frequency
FREQUENCY (Hz)
0
100k
–80
–70
–60
–50
–20
100M
–40
–30
1M
10M
–10
HD3
HD2
VDBS = 0.75V
VOUT = 1V p-p
RL = 1k
Figure 23. Harmonic Distortion vs. Frequency
CLOAD (pF)
0
0
–80
–70
–60
–50
–20
50
–40
–10
–30
10
20
30
40
VDBS = 0.75V
VOUT = 1V p-p
RL = 1k
HD2
HD3
Figure 24. Harmonic Distortion vs. CLOAD
VOUT (V p-p)
0
0
–80
–70
–60
–50
–20
1.5
–40
–10
–30
0.3
0.6
0.9
1.2
f = 10MHz
HD3, RL = 1k
HD2, RL = 1k
Figure 25. Harmonic Distortion vs. VOUT , VMAG = 0.5 V
VOUT (V p-p)
0
0
–80
–70
–60
–50
–20
5
–40
–10
–30
123
4
f = 10MHz
HD3, RL = 1k
HD2, RL = 1k
HD2 AND HD3, RL = 1501
1OUTPUT AMPLITUDE HARD LIMITED
Figure 26. Harmonic Distortion vs. VOUT , VMAG = 2.0 V
VDBS (V)
0
0
–70
–60
–50
–20
1.6
–40
–10
–30
0.2
0.6
1.0
1.4
HD2
1.2
0.8
0.4
f = 10MHz
VOUT = 1V p-p
RL = 1k
HD3
Figure 27. Harmonic Distortion vs. VDBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com