Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8330ACPZ-R2
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8330ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD8330
Data Sheet
Rev. H | Page 16 of 32
Normal Operating Conditions
To minimize confusion, normal operating conditions are
defined as follows:
•
The input pins are voltage driven (the source impedance is
assumed to be zero).
•
The output pins are open circuited (the load impedance is
assumed to be infinite).
•
Pin VMAG is unconnected setting up the output bias
current (IN in the four-transistor gain cell) to its nominal
value.
•
Pin CMGN is grounded.
•
MODE is either tied to a logic high or left unconnected, to
set the up gain mode.
The effects of other operating conditions are considered
separately.
Throughout this data sheet, the end-to-end voltage gain for the
normal operating conditions is referred to as the basic gain.
Under these conditions, it runs from 0 dB when VDBS = 0 V
(where this voltage is more exactly measured with reference to
Pin CMGN, which is not necessarily tied to ground) up to 50 dB
for VDBS = 1.5 V. The gain does not fold over when the VDBS
pin is driven below ground or above its nominal full-scale value.
The input is accepted at the INHI/INLO differential port. These
pins are internally biased to roughly the midpoint of the supply,
VS (it is actually ~2.75 V for VS = 5 V, VDBS = 0 V, and 1.5 V for
VS = 3 V), but the AD8330 is able to accept a forced common-
mode value, from zero to VS, with certain limitations. This interface
provides good common-mode rejection up to high frequencies
(see Figure 16) and, thus, can be driven in either a single-sided
or differential manner. However, operation using a differential
drive is preferable, and this is assumed in the specifications,
unless otherwise stated.
The pin-to-pin input resistance is specified as 950 Ω ± 20%. The
driving-point impedance of the signal source can range from
zero up to values considerably in excess of this resistance, with a
corresponding variation in noise figure (see Figure 53). In most
cases, the input is coupled via two capacitors, chosen to provide
adequate low frequency transmission. This results in the minimum
input noise that increases when some other common-mode volt-
age is forced onto these pins. The short-circuit, input-referred
noise at maximum gain is approximately 5 nV/√Hz.
Output Pin OPHI and Output Pin OPLO operate at a common-
mode voltage at the midpoint of the supply, VS/2, within a few
millivolts. This ensures that an analog-to-digital converter (ADC)
attached to these outputs operates within the often narrow
range permitted by their design. When a common-mode voltage
other than VS/2 is required at this interface, it can easily be forced
by applying an externally provided voltage to the output centering
pin, CNTR. This voltage can run from zero to the full supply,
though the use of such extreme values leaves only a small range
for the differential output signal swing.
The differential impedance measured between OPHI and OPLO is
150 Ω ± 20%. It follows that both the gain and the full-scale
voltage swing depend on the load impedance; both are nominally
halved when this is also 150 Ω. A fixed impedance output
interface, rather than an op amp style voltage-mode output, is
preferable in high speed applications because the effects of complex
reactive loads on the gain and phase can be better controlled.
The top end of the AD8330 ac response is optimally flat for a 12 pF
load on each pin, but this is not critical, and the system remains
stable for any value of load capacitance including zero.
Another useful feature of this VGA in connection with the
driving of an ADC is that the peak output magnitude can be
precisely controlled by the voltage on Pin VMAG. Usually, this
voltage is internally preset to 500 mV, and the peak differential
unloaded output swing is ±2 V ± 3%. However, any voltage from
zero to at least 5 V can be applied to this pin to alter the peak
output in an exactly proportional way. Because either output
pin can swing rail-to-rail, which in practice means down to at
least 0.35 V and to within the same voltage below the supply, the
peak-to-peak output between these pins can be as high as 10 V
using VS = 6 V.
INHI
INLO
VDBS
VPSI
COMM
TRANSIMPEDANCE
OUTPUT STAGE
500Ω
500Ω
LINEAR-IN-dB
INTERFACE
MAGNITUDE
INTERFACE
5kΩ
ROUT = 150Ω
100µA
VMAG
VPSO
OPHI
OPLO
ΔV = 0
12.65µA–4mA OR
4mA–12.65µA
COMM
VMAG
MODE
CNTR
ΔV = 0
O/P CM-MODE
NORMALLY
AT VP/2
CM MODE
FEEDBACK
VDBS
Figure 47. Schematic of Key Components
Linear-in-dB Gain Control (VDBS)
All Analog Devices, Inc., VGAs featuring a linear-in-dB gain
law, such as the X-AMP® family, provide exact, constant gain
scaling over the fully specified gain range, and the deviation
from the ideal response is within a small fraction of a dB. For
the AD8330, the scaling of both of its gain interfaces is
substantially independent of process, supply voltage, or
temperature. The basic gain, GB, is simply
( )
mV
30
DBS
B
V
dB
G
=
(1)
where VDBS is in volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com