Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8330
Data Sheet
Rev. H | Page 6 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER JOINTS
AND MAXIMUM THERMAL CAPABILITY, IT IS RECOMMENDED
THAT THE PAD BE SOLDERED TO THE GROUND PLANE.
VPSI
INHI
INLO
MODE
OPHI
VPSO
OPLO
CMOP
12
11
10
1
3
4
9
2
AD8330
TOP VIEW
(Not to Scale)
Figure 2. 16-Lead LFCSP Pin Configuration
Table 3. 16-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPSI
Positive Supply for Input Stages.
2
INHI
Differential Signal Input, Positive Polarity.
3
INLO
Differential Signal Input, Negative Polarity.
4
MODE
Logic Input: Selects Gain Slope. High = gain up vs. VDBS.
5
VDBS
Input for Linear-in-dB Gain Control Voltage, VDBS.
6
CMGN
Common Baseline for Gain Control Interfaces.
7
COMM
Ground for Input and Gain Control Bias Circuitry.
8
VMAG
Input for Gain/Amplitude Control, VMAG.
9
CMOP
Ground for Output Stages.
10
OPLO
Differential Signal Output, Negative Polarity.
11
OPHI
Differential Signal Output, Positive Polarity.
12
VPSO
Positive Supply for Output Stages.
13
CNTR
Common-Mode Output Voltage Control.
14
VPOS
Positive Supply for Inner Stages.
15
OFST
Internal Offset Compensation Feature. When the OFST pin is unconnected, this feature is enabled. When the
OFST pin is grounded, this feature is disabled. See the Offset Compensation section.
16
ENBL
Power Enable, Active High.
EPAD
Exposed Pad. The exposed pad is not connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the pad be soldered to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com