Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD8330
Data Sheet
Rev. H | Page 14 of 32
25ns
4.00V
50mV
OUTPUT
INPUT
Figure 40. Overdrive Response, VDBS = 1.5 V, VMAG = 0.5 V, 18.5 dB Overdrive
1V
2V
400ns
Figure 41. ENBL Interface Response. Top: VENBL; Bottom: VOUT, f = 10 MHz
FREQUENCY (Hz)
–10
1M
–110
–100
–90
–30
200M
–70
–50
M
0
0
1
M
0
1
–20
–40
–80
–60
VDBS = 0.75V
VPOS
VPSI
VPSO
Figure 42. PSRR vs. Frequency
VDBS (V)
26
0
14
16
18
1.6
22
20
24
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–40°C
+25°C
+85°C
Figure 43. Supply Current vs. VDBS at Three Temperatures
100ns
3.125V
3.125V
2.5V
1.875V
2.5V
1.875V
Figure 44. CNTR Transient Response, Top: Input to CNTR,
Bottom: VOUT Single-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com