Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD8330
Data Sheet
Rev. H | Page 22 of 32
If an adjustment is needed to this common-mode level, it can be
introduced by applying that voltage to the CNTR pin, or, more
simply, by using a resistor from this pin to either ground or the
supply (see the Applications Information section). The CNTR pin
can also supply the common-mode voltage to an ADC that
supports such a feature.
When the loads to be driven introduce a dc resistive path to
ground, coupling capacitors must be used. These must be of
sufficient value to pass the lowest frequency components of the
signal without excessive attenuation. Keep in mind that the voltage
swing on such loads alternates both above and below ground,
requiring that the subsequent component must be able to cope
with negative signal excursions.
Gain and Swing Adjustments When Loaded
The output can also be coupled to a load via a transformer to
achieve a higher load power by impedance transformation. For
example, using a 2:1 turns ratio, a 50 Ω final load presents a 200 Ω
load on the output. The gain loss (relative to the basic value with no
termination) is 20 log10{(200+150)/200} or 4.86 dB, which can
be restored by raising the voltage on the VMAG pin by a factor
of 104.86/20 or × 1.75, from its basic value of 0.5 V to 0.875 V. This
also restores the peak swing at the 200 Ω level to ±2 V, or ±1 V
into the 50 Ω final load.
Whenever a stable supply voltage is available, additional voltage
swing can be provided by adding a resistor from the VMAG pin
to the supply. The calculation is based on knowing that the internal
bias is delivered via a 5 kΩ source; because an additional 0.375 V is
needed, the current in this external resistor must be 0.375 V/
5 kΩ = 75 μA. Thus, using a 5 V supply, a resistor of 5 V − 0.875 V/
75 μA = 55 kΩ is used. Based on this example, the corrections
for other load conditions are easy to calculate. If the effects on
gain and peak output swing due to supply variations cannot be
tolerated, VMAG must be driven by an accurate voltage.
Input Coupling
The dc common-mode voltage at the input pins varies with the
supply, the basic gain bias, and temperature (see Figure 55); for
this reason, many applications need to use coupling capacitors
from the source that are large enough to support the lowest
frequencies to be transmitted. Using one capacitor at each input
pin, their minimum values can be readily found from the expression
CIN_CPL= (320 µF/fHPF)
(15)
where fHPF is the –3dB frequency expressed in hertz. Thus, for
an fHPF of 10 kHz, 33 nF capacitors are used.
Occasionally, it is possible to avoid the use of coupling capacitors
when the dc level of the driving source is within a certain range,
as shown in Figure 56. This range extends from 3.5 V to 4.5 V when
using a 5 V supply, and at high basic gains, where the effect of an
incorrect dc level degrades the noise level due to internal aspects of
the input stage. For example, suppose the driver, IC, is an LNA
having an output topology in which its load resistors are taken
to the supply, and the output is buffered by emitter followers.
This presents a source for the AD8330 that can be directly coupled.
DC-Coupled Signal Path
In many cases, where the VGA is not required to provide its
lowest noise, the full common-mode input range of zero to VS
can be used without problems, avoiding the need for any ac
coupling means. However, such direct coupling at both the input
and output does not automatically result in a fully dc-coupled
signal path. The internal offset compensation loop must also be
disengaged by connecting the OFST pin to ground. Note that at
the maximum basic gain of 50 dB (×316), every millivolt of offset at
the input, arising from whatever source, causes an output offset of
316 mV, which is an appreciable fraction of the peak output swing.
Because the offset correction loop is placed after the front-end
variable gain sections of the AD8330, the most effective way of
dealing with such offsets is at the input pins, as shown in Figure 58.
For example, assume, for illustrative purposes, that the resistances
associated with each side of the source in a certain application
are 50 Ω. If this source has a very low (op amp) output impedance,
insert the extra resistors, with a negligible noise penalty and an
attenuation of only 0.83 dB. The resistor values shown provide a
trim range of about ±2 mV.
Using Single-Sided Sources and Loads
Where the source provides a single-sided output, either INHI or
INLO can be used for the input, with a polarity change when using
INLO. The unused pin must be connected either through a capacitor
to ground, or through a dc bias point that corresponds closely to
the dc level on the active signal pin. The input CMRR over the
full frequency range is illustrated in Figure 59. In some cases, an
additional element such as a SAW filter (having a single-sided
balanced configuration) or a flux-coupled transformer can be
interposed. Where this element must be terminated in the correct
impedance, other than 1 kΩ, it is necessary to add either shunt
or series resistors at this interface.
COMM
OPHI
INLO
OPLO
INHI
VPSI
VPSO
CMOP
MODE
VDBS
CMGN
VMAG
OFST
R
T
N
C
L
B
N
E
VPOS
BIAS AND
V-REF
GAIN INTERFACE
CM MODE AND
OFFSET CONTROL
OUTPUT
STAGES
OUTPUT
CONTROL
VGA CORE
OUTPUT,
±2V MAX
NC
BASIC GAIN BIAS
VDBS: 0V TO 1.5V
1
D
R
CD1
CD3
RD2
50kΩ
75kΩ
RS ASSUMED
TO BE 50Ω
ON EACH
SIDE
GROUND
CD2
VS 2.7V TO 6V
Figure 58. Input Offset Nulling in a DC-Coupled System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com