Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5331 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5331
Description  VGA with Gain Control Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5331 Datasheet HTML 3Page - Analog Devices ADL5331 Datasheet HTML 4Page - Analog Devices ADL5331 Datasheet HTML 5Page - Analog Devices ADL5331 Datasheet HTML 6Page - Analog Devices ADL5331 Datasheet HTML 7Page - Analog Devices ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices ADL5331 Datasheet HTML 10Page - Analog Devices ADL5331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADL5331
Rev. A | Page 7 of 15
40
35
30
25
20
15
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VGAIN (V)
Figure 9. Output IP3 vs. VGAIN at 900 MHz
CH3 200mV Ω
CH2 500mV
M 2.0µs 25.0MS/s 40.0ns/pt
A CH1
150mV
2
t1: 2.24µs
t2: 1.2µs
Δt: –1.04µs
1/Δt: –961.5kHz
MEAN(C1) 1.358V
AMPL(C1) 3.36V
AMPL(C2) 900mV
Figure 10. Step Response of Gain Control Input
30
25
20
15
10
5
0
–5
–10
–15
–20
–25
–30
50
500
1000
FREQUENCY (MHz)
VGAIN = 1.4V
VGAIN = 1.2V
VGAIN = 1.0V
VGAIN = 0.8V
VGAIN = 0.6V
VGAIN = 0.4V
VGAIN = 0.2V
VGAIN = 0V
Figure 11. Gain vs. Frequency (Differential 50 Ω Output Load)
25
20
15
10
5
0
–5
–10
–15
–20
–25
50
500
1000
FREQUENCY (MHz)
VGAIN = 1.4V
VGAIN = 1.2V
VGAIN = 1.0V
VGAIN = 0.8V
VGAIN = 0.6V
VGAIN = 0.4V
VGAIN = 0.2V
VGAIN = 0V
Figure 12. Gain vs. Frequency (Differential 100 Ω Output Load)
–148
–150
–152
–154
–156
–158
–160
0.1
0.3
0.5
0.7
0.9
1.1
1.3
VGAIN (V)
100MHz
400MHz
900MHz
Figure 13. Output Noise Spectral Density vs. VGAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com