Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5331 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5331
Description  VGA with Gain Control Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 3 Page - Analog Devices

  ADL5331 Datasheet HTML 1Page - Analog Devices ADL5331 Datasheet HTML 2Page - Analog Devices ADL5331 Datasheet HTML 3Page - Analog Devices ADL5331 Datasheet HTML 4Page - Analog Devices ADL5331 Datasheet HTML 5Page - Analog Devices ADL5331 Datasheet HTML 6Page - Analog Devices ADL5331 Datasheet HTML 7Page - Analog Devices ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADL5331
Rev. A | Page 3 of 15
SPECIFICATIONS
VS = 5 V; TA = 25°C; M/A-COM ETC1-1-13 1:1 balun at input and output for single-ended 50 Ω match.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
GENERAL
Usable Frequency Range
0.001
1.2
GHz
Nominal Input Impedance
50
Ω
Nominal Output Impedance
20
Ω
FREQUENCY INPUT = 100 MHz
Gain Control Span
±3 dB gain law conformance
30
dB
Minimum Gain
VGAIN = 0.1 V
−14
dB
Maximum Gain
VGAIN = 1.4 V
17
dB
Gain Flatness vs. Frequency
±30 MHz around center frequency, VGAIN = 1.0 V (differential output)
0.09
dB
Gain Control Slope
40
mV/dB
Gain Control Intercept
Gain = 0 dB, gain = slope (VGAIN − intercept)
700
mV
Output IP3
VGAIN = 1.4 V, input −13 dBm per tone, two tone measurement
47
dBm
Output Noise Floor
VGAIN = 1.4 V
−149
dBm/Hz
Noise Figure
VGAIN = 1.4 V
9
dB
FREQUENCY INPUT = 400 MHz
Gain Control Span
±3 dB gain law conformance
30
dB
Minimum Gain
VGAIN = 0.1 V
−15
dB
Maximum Gain
VGAIN = 1.4 V
15
dB
Gain Flatness vs. Frequency
±30 MHz around center frequency, VGAIN = 1.0 V (differential output)
0.09
dB
Gain Control Slope
39.5
mV/dB
Gain Control Intercept
Gain = 0 dB, gain = slope (VGAIN − intercept)
730
mV
Output IP3
VGAIN = 1.4 V, input −13 dBm per tone, two tone measurement
39
dBm
Output Noise Floor
20 MHz carrier offset, VGAIN = 1.4 V
−150
dBm/Hz
Noise Figure
VGAIN = 1.4 V
9
dB
FREQUENCY INPUT = 900 MHz
Gain Control Span
±3 dB gain law conformance
35
dB
Minimum Gain
VGAIN = 0.1 V
−18
dB
Maximum Gain
VGAIN = 1.4 V
15
dB
Gain Flatness vs. Frequency
±30 MHz around center frequency, VGAIN = 1.0 V (differential output)
0.09
dB
Gain Control Slope
37
mV/dB
Gain Control Intercept
Gain = 0 dB, gain = slope (VGAIN − intercept)
800
mV
Third-Order Harmonic
−8 dBm output at 900 MHz fundamental
−75
dBc
Output IP3
VGAIN = 1.4 V, input −13 dBm per tone, two tone measurement
32
dBm
Output Noise Floor
20 MHz carrier offset, VGAIN = 1.4 V
−150
dBm/Hz
Noise Figure
VGAIN = 1.4 V
9
dB
GAIN CONTROL INPUT
Pin GAIN
Gain Control Voltage Range1
0.1
1.4
V
Incremental Input Resistance
Pin GAIN to Pin COM1
1
MΩ
Response Time
Full scale, to within 1 dB of final gain
380
ns
3 dB gain step, POUT to within 1 dB of final gain
20
ns
POWER SUPPLIES
Pin VPS1, Pin VPS2, Pin COM1, Pin COM2, Pin ENBL
Voltage
4.75
5
5.25
V
Current, Nominal Active
240
mA
ENBL, Logic 1, Device Enabled
2.3
V
ENBL, Logic 0, Device Disabled
0.8
V
Current, Disabled
ENBL = Logic 0
250
µA
1
Minimum gain voltage varies with frequency (see Figure 3, Figure 4, and Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com