Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5331 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5331
Description  VGA with Gain Control Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5331 Datasheet HTML 7Page - Analog Devices ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices ADL5331 Datasheet HTML 10Page - Analog Devices ADL5331 Datasheet HTML 11Page - Analog Devices ADL5331 Datasheet HTML 12Page - Analog Devices ADL5331 Datasheet HTML 13Page - Analog Devices ADL5331 Datasheet HTML 14Page - Analog Devices ADL5331 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADL5331
Rev. A | Page 13 of 15
INTERFACING TO AN IQ MODULATOR
The basic connections for interfacing the ADL5331 with
the ADL5385 are shown in Figure 24. The ADL5385 is an
RF quadrature modulator with an output frequency range
of 50 MHz to 2.2 GHz. It offers excellent phase accuracy
and amplitude balance, enabling high performance direct
RF modulation for communication systems.
The output of the ADL5385 is designed to drive 50 Ω loads
and easily interfaces with the ADL5331. The input to the
ADL5331 can be driven single-ended, as shown in Figure 17.
Similar configurations are possible with the ADL537x family of
quadrature modulators. These modulators can provide outputs
from 500 MHz to 4 GHz.
SOLDERING INFORMATION
On the underside of the chip scale package, there is an exposed
compressed paddle. This paddle is internally connected to the
chip’s ground. Solder the paddle to the low impedance ground
plane on the printed circuit board to ensure specified electrical
performance and to provide thermal relief. It is also recom-
mended that the ground planes on all layers under the paddle
be stitched together with vias to reduce thermal impedance.
10nF
10nF
INHI
INLO
RF OUTPUT
10nF
10nF
OPHI
COMM
VPOS
OPLO
5V
5V
ETC1-1-13
LO
IBBP
IBBN
QBBP
QBBN
COMM
VPOS
5V
GAIN CONTROL
100pF
100pF
DIFFERENTIAL I/Q
BASEBAND INPUTS
DAC
DAC
VOUT
ADL5385
IQ MOD
68µH
68µH
ADL5331
RF VGA
Figure 24. ADL5385 Quadrature Modulator and ADL5331 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com