Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-0-RSC-12DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # RIF-0-RSC-12DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-RSC-12DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  RIF-0-RSC-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903365
07/23/2018   Page 3 / 6
Relay Module - RIF-0-RSC-12DC/ 1AU - 2903365
Technical data
Connection data input side
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross-section solid (2 conductors with same cross section)
0.5 mm² ... 1.5 mm²
Conductor cross section flexible
0.5 mm² ... 2.5 mm²
0.5 mm² ... 2.5 mm² (Ferrules without plastic sleeve)
0.5 mm² ... 1.5 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 1.5 mm²
0.5 mm² ... 1 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 12 (solid)
20 ... 14 (flexible)
Torque
0.5 Nm ... 0.6 Nm
Connection data output side
Connection name
Contact side
Connection method
Screw connection
Stripping length
7 mm
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross-section solid (2 conductors with same cross section)
0.5 mm² ... 1.5 mm²
Conductor cross section flexible
0.5 mm² ... 2.5 mm²
0.5 mm² ... 2.5 mm² (Ferrules without plastic sleeve)
0.5 mm² ... 1.5 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 1.5 mm²
0.5 mm² ... 1 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 12 (solid)
20 ... 14 (flexible)
Torque
0.5 Nm ... 0.6 Nm
General
Test voltage relay winding/relay contact
4 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay base)
RT III (Relay)
Mechanical service life
approx. 2x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Standards/regulations
DIN EN 50178
Rated insulation voltage
250 V AC
Rated surge voltage
6 kV
Insulation
safe isolation
Degree of pollution
2
Overvoltage category
III



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com