Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-0-RSC-12DC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # RIF-0-RSC-12DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-RSC-12DC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  RIF-0-RSC-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903365
07/23/2018   Page 5 / 6
Relay Module - RIF-0-RSC-12DC/ 1AU - 2903365
Diagram
Switchingcurrent[A]
250V AC,ohmicload
10
6
10
5
0
2
4
6
8
10
4
1
1
Electrical service life
Articles in set
Single relay - REL-MR- 12DC/21AU - 2961163
Plug-in miniature power relay, with multi-layer gold contact, 1 PDT, input voltage 12 V DC
 
 
Relay base - RIF-0-BSC/ 1 - 2901872
RIF-0... relay base, for miniature power relay with 1 N/O contact or identical solid-state relays, screw connection, for
mounting on NS 35/7,5
 
 
Approvals
Approvals
Approvals
DNV GL / EAC
Ex Approvals
Approval details
DNV GL 
 http://exchange.dnv.com/tari/
 TAA000018V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com