Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-0-RSC-12DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # RIF-0-RSC-12DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-RSC-12DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-0-RSC-12DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-0-RSC-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903365
07/23/2018   Page 1 / 6
Relay Module - RIF-0-RSC-12DC/ 1AU - 2903365
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold
contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4046356732932
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
84 mm
Depth
68 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
12 V DC
Input voltage range in reference to UN
see diagram
Typical input current at UN
16 mA
Typical response time
5 ms
Typical release time
8 ms
Coil voltage
12 V DC


Similar Part No. - RIF-0-RSC-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-0-RSC-24DC PHOENIX-RIF-0-RSC-24DC Datasheet
166Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
More results

Similar Description - RIF-0-RSC-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-0-RPT-12DC PHOENIX-RIF-0-RPT-12DC Datasheet
97Kb / 5P
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
RIF-0-RPT-24DC PHOENIX-RIF-0-RPT-24DC Datasheet
97Kb / 5P
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
RIF-0-RSC-24DC PHOENIX-RIF-0-RSC-24DC Datasheet
166Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
RIF-1-RSC-LV-24AC PHOENIX-RIF-1-RSC-LV-24AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-1-RSC-LV-120AC PHOENIX-RIF-1-RSC-LV-120AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-2-RSC-LDP-24DC PHOENIX-RIF-2-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
RIF-2-RSC-LDP-125DC PHOENIX-RIF-2-RSC-LDP-125DC Datasheet
122Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
RIF-3-RSC-LDP-24DC PHOENIX-RIF-3-RSC-LDP-24DC Datasheet
124Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-1-RSC-LDP-12DC PHOENIX-RIF-1-RSC-LDP-12DC Datasheet
131Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket. Contact type: 1 changeover contact. Input voltage: 12 V DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com