Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X76F200PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X76F200PI
Description  Secure SerialFlash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F200PI Datasheet(HTML) 1 Page - Xicor Inc.

  X76F200PI Datasheet HTML 1Page - Xicor Inc. X76F200PI Datasheet HTML 2Page - Xicor Inc. X76F200PI Datasheet HTML 3Page - Xicor Inc. X76F200PI Datasheet HTML 4Page - Xicor Inc. X76F200PI Datasheet HTML 5Page - Xicor Inc. X76F200PI Datasheet HTML 6Page - Xicor Inc. X76F200PI Datasheet HTML 7Page - Xicor Inc. X76F200PI Datasheet HTML 8Page - Xicor Inc. X76F200PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ISO 7816 Compatible
©Xicor, Inc. 1999 Patents Pending
9900-5004.3 1/26/99 EP
1
Characteristics subject to change without notice
2K
X76F200
256 x 8 bit
Functional Diagram
Secure SerialFlash
FEATURES
• 64-bit Password Security
• One Array (240 Bytes) Two Passwords (16 Bytes)
—Read Password
—Write Password
• Programmable Passwords
• Retry Counter Register
—Allows 8 tries before clearing of the array
• 32-bit Response to Reset (RST Input)
• 8 byte Sector Write mode
• 1MHz Clock Rate
• 2 wire Serial Interface
• Low Power CMOS
—2.0 to 5.5V operation
—Standby current Less than 1µA
—Active current less than 3 mA
• High Reliability Endurance:
—100,000 Write Cycles
• Data Retention: 100 years
• Available in:
—8 lead PDIP, SOIC, TSSOP, Smart Card and
Smart Card Module
DESCRIPTION
The X76F200 is a Password Access Security Supervisor,
containing one 1920-bit Secure SerialFlash array.
Access to the memory array can be controlled by two
64-bit passwords. These passwords protect read and
write operations of the memory array.
The X76F200 features a serial interface and software
protocol allowing operation on a popular two wire bus.
The bus signals are a clock Input (SCL) and a
bidirectional data input and output (SDA).
The X76F200 also features a synchronous response to
reset providing an automatic output of a hard-wired 32-bit
data stream conforming to the industry standard for
memory cards.
The X76F200 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
LOGIC
CS
SCL
SDA
RST
INTERFACE
8K BYTE
DATA TRANSFER
ARRAY ACCESS
ENABLE
RESET
RESPONSE REGISTER
PASSWORD ARRAY
AND PASSWORD
VERIFICATION LOGIC
CHIP ENABLE
RETRY COUNTER
SerialFlash ARRAY
32 BYTE
SerialFlash ARRAY
ARRAY 0
ARRAY 1
(PASSWORD PROTECTED)
(PASSWORD PROTECTED)
7025 FM 01
Logic
SCL
SDA
RST
Interface
240 Byte
Data Transfer
Array Access
Enable
ISO Reset
Response Register
Password Array
and Password
Verification Logic
Retry Counter
Erase Logic
EEPROM Array


Similar Part No. - X76F200PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F200PI ICMIC-X76F200PI Datasheet
389Kb / 16P
Secure Serial Flash
X76F200PI-2.0 ICMIC-X76F200PI-2.0 Datasheet
389Kb / 16P
Secure Serial Flash
X76F200PIG ICMIC-X76F200PIG Datasheet
389Kb / 16P
Secure Serial Flash
X76F200PIG-2.0 ICMIC-X76F200PIG-2.0 Datasheet
389Kb / 16P
Secure Serial Flash
More results

Similar Description - X76F200PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
SerialFlash??Memory With Block Lock??Protection
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
logo
IC MICROSYSTEMS
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
Secure SerialFlash
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
Secure SerialFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com