Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-4-RPT-LDP-24DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # RIF-4-RPT-LDP-24DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-4-RPT-LDP-24DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  RIF-4-RPT-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/us/products/2903275
3/7/14   Page 3 / 7
Relay Module - RIF-4-RPT-LDP-24DC/3X1 - 2903275
Technical data
Connection data
Conductor cross section AWG/kcmil max
16
Stripping length
8 mm
Connection name
Output
Connection method
Push-in connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Stripping length
10 mm
General
Test voltage relay winding/relay contact
2.5 kVrms (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2.5 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay socket)
RT I (Relay)
Mechanical service life
Approx. 107 cycles
Standards/regulations
DIN EN 50178
IEC 62103
Rated insulation voltage
250 V AC
Pollution degree
2
Surge voltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com