Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-4-RPT-LDP-24DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-4-RPT-LDP-24DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-4-RPT-LDP-24DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-4-RPT-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/us/products/2903275
3/7/14   Page 4 / 7
Relay Module - RIF-4-RPT-LDP-24DC/3X1 - 2903275
Articles in set
Relay socket - RIF-4-BPT/3X21 - 2900961
RIF-4... relay base, for high-power relay with 2 or 3 PDTs or 3 N/O contacts, push-in connection, plug-in option for input/
suppressor modules, for mounting on NS 35/7,5
 
 
Single relay - REL-PR3- 24DC/3X1 - 2903706
Plug-in high-power relay with power contacts, 3 N/O contacts, coil voltage: 24 V DC
 
 
Plug-in module - RIF-LDP-12-24 DC - 2900939
Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with freewheeling diode and yellow LED, polarity: A1+,
A2-, input voltage: 12 - 24 V DC ±20%
 
 
Retaining bracket - RIF-RH-4 - 2900956
Relay retaining bracket, with holder for marking material, suitable for RIF-4 relay base, for high-power relay
 
 
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371601
eCl@ss 5.1
27371601
eCl@ss 6.0
27371601
eCl@ss 7.0
27371601



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com