Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-4-RPT-LDP-24DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # RIF-4-RPT-LDP-24DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-4-RPT-LDP-24DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-4-RPT-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT RIF-4-RPT-LDP-24DC Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/2903275
3/7/14   Page 1 / 7
Relay Module - RIF-4-RPT-LDP-24DC/3X1 - 2903275
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and
retaining bracket. Contact type: 3 N/O contacts. Input voltage: 24 V DC
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
212.0 GRM
Custom tariff number
85364110
Country of origin
Germany
Technical data
Dimensions
Width
43 mm
Height
111 mm
Depth
90 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
(see diagram)
Nominal input current at UIN
70 mA
Typical response time
20 ms
Typical release time
20 ms
Operating voltage display
Yellow LED


Similar Part No. - RIF-4-RPT-LDP-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-4-RPT-LV-120AC PHOENIX-RIF-4-RPT-LV-120AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RPT-LV-230AC PHOENIX-RIF-4-RPT-LV-230AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
More results

Similar Description - RIF-4-RPT-LDP-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-2-RSC-LV-24AC PHOENIX-RIF-2-RSC-LV-24AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket
RIF-3-RPT-LDP-24DC PHOENIX-RIF-3-RPT-LDP-24DC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
RIF-3-RPT-LV-120AC PHOENIX-RIF-3-RPT-LV-120AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-3-RPT-LV-230AC PHOENIX-RIF-3-RPT-LV-230AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-3-RSC-LDP-24DC PHOENIX-RIF-3-RSC-LDP-24DC Datasheet
124Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-3-RSC-LV-120AC PHOENIX-RIF-3-RSC-LV-120AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-3-RSC-LV-230AC PHOENIX-RIF-3-RSC-LV-230AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-4-RPT-LV-120AC PHOENIX-RIF-4-RPT-LV-120AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RPT-LV-230AC PHOENIX-RIF-4-RPT-LV-230AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com