Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT6264L-25LSMBLF Datasheet(PDF) 9 Page - Force Technologies Ltd

Part # FT6264L-25LSMBLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-25LSMBLF Datasheet(HTML) 9 Page - Force Technologies Ltd

Back Button FT6264L-25LSMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 9Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 10Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 11Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 12Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 13Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8
10
1215
202535
4570
100
Side Brazed DIP
N/A
N/A
-12CM
-15CM
-20CM
-25CM
-35CM
-45CM
-70CM
-100CM
CERDIP (300 mil)
N/A
N/A
-12DM
-15DM
-20DM
-25DM
-35DM
-45DM
-70DM
-100DM
CERDIP (600 mil)
N/A
N/A
-12DWM
-15DWM
-20DWM
-25DWM
-35DWM
-45DWM
-70DWM
-100DWM
CERPACK
N/A
N/A
-12FM
-15FM
-20FM
-25FM
-35FM
-45FM
-70FM
-100FM
28-Pin LCC
N/A
N/A
-12LM
-15LM
-20LM
-25LM
-35LM
-45LM
-70LM
-100LM
28-Pin LCC **
N/A
N/A
-12LSM
-15LSM
-20LSM
-25LSM
-35LSM
-45LSM
-70LSM
-100LSM
32-Pin LCC
N/A
N/A
-12L32M
-15L32M
-20L32M
-25L32M
-35L32M
-45L32M
-70L32M
-100L32M
Side Brazed DIP
N/A
N/A
-12CMB
-15CMB
-20CMB
-25CMB
-35CMB
-45CMB
-70CMB
-100CMB
CERDIP (300 mil)
N/A
N/A
-12DMB
-15DMB
-20DMB
-25DMB
-35DMB
-45DMB
-70DMB
-100DMB
CERDIP (600 mil)
N/A
N/A
-12DWMB -15DWMB -20DWMB -25DWMB -35DWMB -45DWMB -70DWMB -100DWMB
CERPACK
N/A
N/A
-12FMB
-15FMB
-20FMB
-25FMB
-35FMB
-45FMB
-70FMB
-100FMB
28-Pin LCC
N/A
N/A
-12LMB
-15LMB
-20LMB
-25LMB
-35LMB
-45LMB
-70LMB
-100LMB
28-Pin LCC **
N/A
N/A
-12LSMB
-15LSMB
-20LSMB
-25LSMB
-35LSMB
-45LSMB
-70LSMB -100LSMB
32-Pin LCC
N/A
N/A
-12L32MB -15L32MB -20L32MB -25L32MB -35L32MB -45L32MB -70L32MB -100L32MB
Military
Processed *
Speed (ns)
Military
Temperature
Temperature
Range
Package
SELECTION GUIDE (continued)
*
Military temperature range with MIL-STD-883 M5004
**
SPECIAL PINOUT
N/A = Not available
Rev 1.8
9/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com