Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT6264L-25LSMBLF Datasheet(PDF) 11 Page - Force Technologies Ltd

Part # FT6264L-25LSMBLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-25LSMBLF Datasheet(HTML) 11 Page - Force Technologies Ltd

Back Button FT6264L-25LSMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 9Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 10Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 11Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 12Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 13Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 14Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 15Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
α
CERDIP DUAL IN-LINE PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
-
0.232
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.490
E
0.500
0.610
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
0°
15°
D5-1
28 (600 mil)
0.600 BSC
0.100 BSC
α
CERDIP DUAL IN-LINE PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
-
0.225
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.485
E
0.240
0.310
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
0°
15°
D5-2
28 (300 mil)
0.300 BSC
0.100 BSC
Rev 1.8
11/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com